| Electronic Components Datasheet Search |
|
AT32AP7002 Datasheet(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT32AP7002 Datasheet(HTML) 45 Page - ATMEL Corporation |
|
45 / 52 page ![]() 45 32054FS–AVR32–09/09 AT32AP7002 TCMR.START = Receive start RFMR.FSOS = None (Input) RCMR.START = any on RF (edge/level) Fix/Workaround None. 30. USART - TXD signal is floating in Modem and Hardware Handshaking mode The TXD signal is floating in Modem and Hardware Handshaking mode, but should be pulled up. Fix/Workaround Enable pullup on this line in the PIO. 31. PWM - Impossible to update a period equal to 0 by using the CUPD register It is impossible to UPDATE a period equal to 0 by the using of the UPDATE register (CUPD). Fix/Workaround To update a period equal to 0, write directly to the CPRD register. 32. WDT Clear is blocked after WDT Reset A watchdog timer event will, after reset, block writes to the WDT_CLEAR register, prevent- ing the program to clear the next Watchdog Timer Reset. Fix/Workaround If the RTC is not used a write to AVR32_RTC.ctrl.pclr = 1, instead of writing to AVR32_WDT.clr, will reset the prescaler and thus prevent the watchdog event from happen- ing. This will render the RTC useless, but prevents WDT reset because the RTC and WDT share the same prescaler. Another sideeffect of this is that the watchdog timeout period will be half the expected timeout period. If the RTC is used one can disable the Watchdog Timer (WDT) after a WDT reset has occured. This will prevent the WDT resetting the system. To make the WDT functional again a hard reset (power on reset or RESET_N) must be applied. If you still want to use the WDT after a WDT reset a small code can b e inse rt ed at the st a r t u p checking the AVR32_PM.rcause register for WDT reset and use a GPIO pin to reset the system. This method requires that one of the GPIO pins are available and connected externally to the RESET_N pin. After the GPIO pin has pulled down the reset line the GPIO will be reset and leave the pin tristated with pullup. 33. USART - The DCD Signal is active high from the USART, but should be active low The DCD signal is active high from the USART, but should be active low. Fix/Workaround An inverter should be added on this line on the PCB. 34. MCI Transmit Data Register (TDR) FIFO corruption If the number of bytes to be transmitted by the MCI is not a multiple of 4, the Transmit Data Register (TDR) First In First Out data buffer control logic will become corrupted when trans- mit data is written to the TDR as 32-bit values. Fix/Workaround |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |