Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny167-15MZ Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATtiny167-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15MZ Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATtiny167-15MZ Datasheet HTML 12Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 13Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 14Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 15Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 16Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 17Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 18Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 19Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 282 page
background image
16
7728D–AVR–07/09
ATtiny87/ATtiny167
Timing diagrams for instruction fetch and execution are presented in Section 2.6 “Instruction
Execution Timing” on page 12.
Figure 3-1.
Program Memory Map
3.2
SRAM Data Memory
Figure 3-2 shows how the ATtiny87/167 SRAM Memory is organized.
The ATtiny87/167 is a complex microcontroller with more peripheral units than can be sup-
ported within the 64 locations reserved in the Opcode for the IN and OUT instructions. For the
Extended I/O space in SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be
used.
The data memory locations address both the Register File, the I/O memory, Extended I/O
memory, and the internal data SRAM. The first 32 locations address the Register File, the next
64 location the standard I/O memory, then 160 locations of Extended I/O memory, and the
next locations address the internal data SRAM (see “ISRAM size” in Table 3-1 on page 15).
The five different addressing modes for the Data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register
File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address
given by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented or incremented.
The 32 general purpose working registers, 64 I/O Registers, 160 Extended I/O Registers and
the internal data SRAM in the ATtiny87/167 are all accessible through all these addressing
modes. The Register File is described in “General Purpose Register File” on page 10.
0x0000
Flash end
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com