Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny167-15MZ Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATtiny167-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15MZ Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATtiny167-15MZ Datasheet HTML 51Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 52Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 53Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 54Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 55Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 56Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 57Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 58Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 282 page
background image
55
7728D–AVR–07/09
ATtiny87/ATtiny167
The following code example shows one assembly and one C function for turning off the
Watchdog Timer. The example assumes that interrupts are controlled (e.g. by disabling inter-
rupts globally) so that no interrupts will occur during the execution of these functions.
Note:
1. See ”About Code Examples” on page 6.
Note that if the Watchdog is accidentally enabled, for example by a runaway pointer or
brown-out condition, the device will be reset and the Watchdog Timer will stay enabled. If the
code is not set up to handle the Watchdog, this might lead to an eternal loop of time-out
resets. To avoid this situation, the application software should always clear the Watchdog Sys-
tem Reset Flag (WDRF) and the WDE control bit in the initialization routine, even if the
Watchdog is not in use.
Assembly Code Example
(1)
WDT_off:
; Turn off global interrupt
cli
; Reset Watchdog Timer
wdr
; Clear WDRF in MCUSR
in
r16, MCUSR
andi
r16, (0xff & (0<<WDRF))
out
MCUSR, r16
; Write logical one to WDCE and WDE
; Keep old prescaler setting to prevent unintentional time-out
lds
r16, WDTCR
ori
r16, (1<<WDCE) | (1<<WDE)
sts
WDTCR, r16
; Turn off WDT
ldi
r16, (0<<WDE)
sts
WDTCR, r16
; Turn on global interrupt
sei
ret
C Code Example
(1)
void WDT_off(void)
{
__disable_interrupt();
__watchdog_reset();
/* Clear WDRF in MCUSR */
MCUSR &= ~(1<<WDRF);
/* Write logical one to WDCE and WDE */
/* Keep old prescaler setting to prevent unintentional time-out */
WDTCR |= (1<<WDCE) | (1<<WDE);
/* Turn off WDT */
WDTCR = 0x00;
__enable_interrupt();
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com