Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny167-15MZ Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATtiny167-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15MZ Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATtiny167-15MZ Datasheet HTML 43Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 44Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 45Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 46Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 47Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 48Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 49Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 50Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 282 page
background image
47
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 0 – SE: Sleep Enable
The SE bit must be written to logic one to make the MCU enter the sleep mode when the
SLEEP instruction is executed. To avoid the MCU entering the sleep mode unless it is the pro-
grammer’s purpose, it is recommended to write the Sleep Enable (SE) bit to one just before
the execution of the SLEEP instruction and to clear it immediately after waking up.
5.9.2
MCUCR – MCU Control Register
• Bit 6 – BODS: BOD Sleep
The BODS bit must be written to logic one in order to turn off BOD during sleep, see Table 5-1
on page 42. Writing to the BODS bit is controlled by a timed sequence and an enable bit,
BODSE in MCUCR. To disable BOD in relevant sleep modes, both BODS and BODSE must
first be set to one. Then, to set the BODS bit, BODS must be set to one and BODSE must be
set to zero within four clock cycles.
The BODS bit is active three clock cycles after it is set. A sleep instruction must be executed
while BODS is active in order to turn off the BOD for the actual sleep mode. The BODS bit is
automatically cleared after three clock cycles.
• Bit 5 – BODSE: BOD Sleep Enable
BODSE enables setting of BODS control bit, as explained in BODS bit description. BOD dis-
able is controlled by a timed sequence.
5.9.3
PRR – Power Reduction Register
• Bit 7 - Res: Reserved bit
This bit is reserved in ATtiny87/167 and will always read as zero.
• Bit 6 - Res: Reserved bit
This bit is reserved in ATtiny87/167 and will always read as zero.
Table 5-2.
Sleep Mode Select
SM1
SM0
Sleep Mode
00
Idle
0
1
ADC Noise Reduction
10
Power-down
11
Power-save
Bit
7
6
5
4
3
2
1
0
–
BODS
BODSE
PUD
–
–
–
–
MCUCR
Read/Write
R
R/W
R/W
R/W
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
–
–
PRLIN
PRSPI
PRTIM1
PRTIM0
PRUSI
PRADC
PRR
Read/Write
R
R
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com