Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny167-15MZ Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATtiny167-15MZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-15MZ Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATtiny167-15MZ Datasheet HTML 49Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 50Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 51Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 52Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 53Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 54Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 55Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 56Page - ATMEL Corporation ATtiny167-15MZ Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 282 page
background image
53
7728D–AVR–07/09
ATtiny87/ATtiny167
• Bit 1 – EXTRF: External Reset Flag
This bit is set if an External Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 0 – PORF: Power-on Reset Flag
This bit is set if a Power-on Reset occurs. The bit is reset only by writing a logic zero to the
flag.
To make use of the Reset Flags to identify a reset condition, the user should read and then
Reset the MCUSR as early as possible in the program. If the register is cleared before another
reset occurs, the source of the reset can be found by examining the Reset Flags.
6.2
Internal Voltage Reference
ATtiny87/167 features an internal bandgap reference. This reference is used for Brown-out
Detection, and it can be used as an input to the Analog Comparator or the ADC.
6.2.1
Voltage Reference Enable Signals and Start-up Time
The voltage reference has a start-up time that may influence the way it should be used. The
start-up time is given in Table 22-7 on page 247. To save power, the reference is not always
turned on. The reference is on during the following situations:
1.
When the BOD is enabled (by programming the BODLEVEL [2:0] Fuses).
2.
When the bandgap reference is connected to the Analog Comparator (by setting the
ACIRS bit in ACSR).
3.
When the ADC is enabled.
Thus, when the BOD is not enabled, after setting the ACIRS bit or enabling the ADC, the user
must always allow the reference to start up before the output from the Analog Comparator or
ADC is used. To reduce power consumption in Power-down mode or in Power-save, the user
can avoid the three conditions above to ensure that the reference is turned off before entering
in these power reduction modes.
6.3
Watchdog Timer
ATtiny87/167 has an Enhanced Watchdog Timer (WDT). The main features are:
• Clocked from separate On-chip Oscillator
• 4 Operating modes
–Interrupt
– System Reset
– Interrupt and System Reset
– Clock Monitoring
• Selectable Time-out period from 16ms to 8s
• Possible Hardware fuse Watchdog always on (WDTON) for fail-safe mode
6.3.1
Watchdog Timer Behavior
The Watchdog Timer (WDT) is a timer counting cycles of a separate on-chip 128 KHz
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com