Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S1210F-68IM/F/P Datasheet(PDF) 7 Page - Teridian Semiconductor Corporation

Part # 73S1210F-68IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-68IM/F/P Datasheet(HTML) 7 Page - Teridian Semiconductor Corporation

Back Button 73S1210F-68IM/F/P Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 11Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 126 page
background image
DS_1210F_001
73S1210F Data Sheet
Rev. 1.4
7
SMART
CARD
ISO
INTERFACE
SCLK
SIO
EXTERNAL
SMART
CARD
INTERFACE
POWER
REGULATION
AND VCC
CONTROL
LOGIC
GND
VDD
ICE INTERFACE
FLASH/ROM
PROGRAM
MEMORY
32KB
DATA
XRAM
2KB
CORE
SERIAL
INT2
INT3
PERIPHERAL
INTERFACE
and SFR LOGIC
FLASH
INTERFACE
OCDSI
ISR
WATCH-
DOG
TIMER
PMU
PORTS
TIMER_0_1
MEMORY_
CONTROL
CONTROL
UNIT
RAM_
SFR_
CONTROL
ALU
VOLTAGE REFERENCE
AND FUSE TRIM
CIRCUITRY
VPD REGULATOR
PLL
and
TIMEBASES
VDD
SCRATCH
IRAM
256B
12MHz
OSCILLATOR
X12OUT
X12IN
COL4
COL3
COL2
COL1
COL0
ROW5
ROW4
ROW3
ROW2
ROW1
ROW0
KEYPAD
INTERFACE
I
2
C
MASTER
INT.
SDA
SCL
USR7
USR6
USR5
USR4
USR3
USR1
USR2
USR0
VCC
RST
CLK
I/O
AUX2
AUX1
PRES
GND
VDD
OFF_REQ
ON_OFF
LED
DRIVER
Pins available on both 68 and 44-pin packages.
Pins only available on 68-pin package.
Figure 1: IC Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com