Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S1210F-68IM/F/P Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 73S1210F-68IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-68IM/F/P Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  73S1210F-68IM/F/P Datasheet HTML 1Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 2Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
73S1210F
Self-Contained Smart Card Reader
with PINpad and Power Management
Simplifying System Integration™
DATA SHEET
May 2009
Rev. 1.4
© 2009 Teridian Semiconductor Corporation
1
GENERAL DESCRIPTION
The 73S1210F is a versatile and economical CMOS
System-on-Chip device intended for smart card reader
applications. The circuit is built around an 80515 high-
performance core; it features primarily an ISO-7816 / EMV
interface and a generic asynchronous serial interface.
Delivered with turnkey Teridian embedded firmware, it
forms a ready-to-use smart card reader solution that can be
seamlessly incorporated into any microprocessor-based
system where a serial line is available.
The solution is scalable, thanks to a built-in I
2
In addition, the circuit features an ON/OFF mode which
operates directly with an ON/OFF system switch: Any
activity on the ON/OFF button is debounced internally
and controls the power generation circuit accordingly,
under the supervision of the firmware (OFF request /
OFF acknowledgement at firmware level). The OFF
mode can be alternatively initiated from the controller
(firmware action instead of ON/OFF switch).
C interface
that allows to drive external electrical smart card interfaces
such as Teridian 73S8010 ICs. This makes the solution
immediately able to support multi-card slots or multi-SAM
architectures.
In addition, the 73S1210 features a 5x6 PINpad interface, 8
user I/Os, multiple interrupt options and an analog voltage
input (for DC voltage monitoring such as battery level
detection) that make it suitable for low-cost PINpad reader
devices.
The 80515 CPU core instruction set is compatible with the
industry standard 8051, while offering one clock-cycle per
instruction processing power (most instructions). With a
CPU clock running up to 24MHz, it results in up to 24MIPS
available that meets the requirements of various encryption
needs such as AES, DES / 3-DES and even RSA (for PIN
encryption for instance).
The circuit requires a single 6MHz to 12MHz crystal.
The respective 73S1210F embedded memories are 32KB
Flash program memory, 2KB user XRAM memory, and
256B IRAM memory. Dedicated FIFOs for the ISO 7816
UART are independent from the user XRAM and IRAM.
Alternatively to the turnkey firmware offered by Teridian,
customers can develop their own embedded firmware
directly within their application or using Teridian 73S1210F
Evaluation Board through a JTAG-like interface.
The chip incorporates an inductor-based DC-DC converter
that generates all the necessary voltages to the various
73S1210F function blocks (smart card interface, digital
core, etc.) from any of two distinct power supply sources:
the +5V bus (VBUS, 4.4 to 6.5V), or a main battery (VBAT,
4.0V to 6.5V). The chip automatically powers-up the DC-
DC converter with VBUS if it is present, or uses VBAT as the
supply input if VBUS is not present. Alternatively, the pin VPC
can support a wider power supply input range (2.7V to
6.5V), when using a single system supply source.
In OFF mode, the circuit typically draws less than 1
µA,
which makes it ideal for applications where battery life
must be maximized.
Embedded Flash memory is in-system programmable
and lockable by means of on-silicon fuses. This makes
the 73S1210F suitable for both development and
production phases.
Teridian Semiconductor Corporation offers with its
73S1210F a very comprehensive set of software
libraries for EMV. Refer to the 73S12xxF Software
User’s Guide for a complete description of the
Application Programming Interface (API Libraries) and
related software modules.
A complete array of development and programming
tools, libraries and demonstration boards enable rapid
development and certification of readers that meet
most demanding smart card standards.
APPLICATIONS
• PINpad smart card readers:
o
With serial connectivity
o
Ideal for low-cost POS Terminals and Digital
Identification (Secure Login, Gov’t ID, ...)
• SIM Readers in Personal Wireless devices
• Payphones & Vending machines
• General purpose smart card readers
ADVANTAGES
• Reduced BOM
• Versatile power supply options
o
2.7V to 6.5V ranges
• Higher performance CPU core (up to 24MIPS)
• Built-in EMV/ISO slot, expandable to multi-slots
• Flexible power supply options
o
On-chip DC-DC converter
o
CMOS switches between supply inputs
• Sub-µA Power Down mode with ON/OFF switch
• Powerful In-Circuit Emulation and Programming
• A complete set of EMV4.1 / ISO7816 libraries
• Turnkey PC/SC firmware and host drivers
o
Multiple OS supported


Similar Part No. - 73S1210F-68IM/F/P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
More results

Similar Description - 73S1210F-68IM/F/P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C24B ATMEL-AT83C24B_05 Datasheet
813Kb / 42P
Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
Multiple Smart Card Reader Interface With Power Management
AT83C24B ATMEL-AT83C24B_07 Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
logo
Teridian Semiconductor ...
73S1209F TERIDIAN-73S1209F Datasheet
1Mb / 123P
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
logo
M.S. Kennedy Corporatio...
MSK4323 MSK-MSK4323_15 Datasheet
146Kb / 6P
Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4454 MSK-MSK4454_15 Datasheet
129Kb / 6P
Self-Contained, Smart Lowside/Highside Drive Circuitry
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
73S1209F MAXIM-73S1209F Datasheet
1Mb / 123P
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com