Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S1210F-68IM/F/P Datasheet(PDF) 76 Page - Teridian Semiconductor Corporation

Part # 73S1210F-68IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-68IM/F/P Datasheet(HTML) 76 Page - Teridian Semiconductor Corporation

Back Button 73S1210F-68IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 74Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 75Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 76Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 77Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 78Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 79Page - Teridian Semiconductor Corporation 73S1210F-68IM/F/P Datasheet HTML 80Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
73S1210F Data Sheet
DS_1210F_001
76
Rev. 1.4
Special Notes Regarding Synchronous Mode Operation
When the SCISYN or SCESNC bits (SPrtcol, bit 7, bit 5, respectively) are set, the selected smart card
interface operates in synchronous mode and there are changes in the definition and behavior of pertinent
register bits and associated circuitry. The following requirements are to be noted:
1.
The source for the smart card clock (CLK or SCLK) is the ETU counter. Only the actively selected
interface can have a running synchronous clock. In contrast, an unselected interface may have a
running clock in the asynchronous mode of operation.
2.
The control bits CLKLVL, SCLKLVL, CLKOFF, and SCLKOFF are functional in synchronous mode.
When the CLKOFF bit is set, it will not truncate either the logic low or logic high period when the (stop
at) level is of opposite polarity. The CLK/SCLK signal will complete a correct logic low or logic high
duty cycle before stopping at the selected level. The CLK “start” is a result of the falling edge of the
CLKOFF bit. Setting clock to run when it is stopped low will result in a half period of low before going
high. Setting clock to run when it is stopped high will result in the clock going low immediately and
then running at the selected rate with 50% duty cycle (within the limitations of the ETU divisor value).
3.
The Rlen(7:0) is configured to count the falling edges of the ETU clock (CLK or SCLK) after it has
been loaded with a value from 1 to 255. A value of 0 disables the counting function and RLen
functions such as I/O source selection (I/O signal bypasses the FIFOs and is controlled by the
SCCLK/SCECLK SFRs). When the RLen counter reaches the “max” (loaded) value, it sets the
WAITTO interrupt (SCInt, bit 7), which is maskable via WTOIEN (SCIE, bit 7). It must be reloaded in
order to start the counting/clocking process again. This allows the processor to select the number of
CLK cycles and hence, the number of bits to be read or written to/from the card.
4.
The FIFO is not clocked by the first CLK (falling) edge resulting from a CLKOFF de-assertion (a clock
start event) when the CLK was stopped in the high state and RLen has been loaded but not yet
clocked.
5.
The state of the pin IO or SIO is sampled on the rising edge of CLK/SCLK and stored in bit 5 of the
SCCtl/SCECtl register.
6.
When Rlen = max or 0 and I2CMODE= 1 (STXCtl, b7), the IO or SIO signal is directly controlled by the
data and direction bits in the respective SCCtl and SCECtl register. The state of the data in the TX
FIFO is bypassed.
7.
In the SPrtcol register, bit 6 (MODE9/8B) becomes active. When set, the RXData FIFO will read
nine-bit words with the state of the ninth bit being readable in SRXCtl, bit 7 (B9DAT). The RXDAV
interrupt will occur when the ninth bit has been clocked in (rising edge of CLK or SCLK).
8.
Care must be taken to clear the RX and TX FIFOs at the start of any transaction. The user shall read
the RX FIFO until it indicates empty status. Reading the TX FIFO twice will reset the input byte
pointer and the next write to the TX FIFO will load the byte to the “first out” position. Note that the bit
pointer (serializer/deserializer) is reset to bit 0 on any change of the TX/RXD bit.
Special bits that are only active for sync mode include: SRXCtl, b7 “BIT9DAT”, SPrtcol, b6 “MODE9/8B”,
STXCtl, b7 “I2CMODE”, and the definition of SCInt, b7, which was “WAITTO”, becomes RLenINT interrupt,
and SCIE, b7, which was “WTOIEN”, becomes RLenIEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com