Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S1210F-44IM/F/P Datasheet(PDF) 39 Page - Teridian Semiconductor Corporation

Part # 73S1210F-44IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-44IM/F/P Datasheet(HTML) 39 Page - Teridian Semiconductor Corporation

Back Button 73S1210F-44IM/F/P Datasheet HTML 35Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 36Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 37Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 38Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 39Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 40Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 41Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 42Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 43Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
DS_1210F_001
73S1210F Data Sheet
Rev. 1.4
39
Interrupt Priority 1 Register (IP1): 0xB9
 0x00
Table 29: The IP1 Register
MSB
LSB
–
–
IP1.5
IP1.4
IP1.3
IP1.2
IP1.1
IP1.0
Table 30: Priority Levels
IP1.x
IP0.x
Priority Level
0
0
Level0 (lowest)
0
1
Level1
1
0
Level2
1
1
Level3 (highest)
Table 31: Interrupt Polling Sequence
External interrupt 0
Serial channel 1 interrupt
Timer 0 interrupt
External interrupt 2
External interrupt 1
External interrupt 3
Timer 1 interrupt
Serial channel 0 interrupt
External interrupt 4
External interrupt 5
External interrupt 6
1.7.5.6
Interrupt Sources and Vectors
Table 32 shows the interrupts with their associated flags and vector addresses.
Table 32: Interrupt Vectors
Interrupt Request Flag
Description
Interrupt Vector Address
N/A
Chip Reset
0x0000
IE0
External interrupt 0
0x0003
TF0
Timer 0 interrupt
0x000B
IE1
External interrupt 1
0x0013
TF1
Timer 1 interrupt
0x001B
RI0/TI0
Serial channel 0 interrupt
0x0023
RI1/TI1
Serial channel 1 interrupt
0x0083
IEX2
External interrupt 2
0x004B
IEX3
External interrupt 3
0x0053
IEX4
External interrupt 4
0x005B
IEX5
External interrupt 5
0x0063
IEX6
External interrupt 6
0x006B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com