Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S1210F-44IM/F/P Datasheet(PDF) 49 Page - Teridian Semiconductor Corporation

Part # 73S1210F-44IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-44IM/F/P Datasheet(HTML) 49 Page - Teridian Semiconductor Corporation

Back Button 73S1210F-44IM/F/P Datasheet HTML 45Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 46Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 47Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 48Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 49Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 50Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 51Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 52Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 53Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
DS_1210F_001
73S1210F Data Sheet
Rev. 1.4
49
1.7.9
User (USR) Ports
The 73S1210F includes 8 pins of general purpose digital I/O (GPIO). On reset or power-up, all USR pins
are inputs until they are configured for the desired direction. The pins are configured and controlled by
the USR70 and UDIR70 SFRs. Each pin declared as USR can be configured independently as an input
or output with the bits of the UDIR70 register. Table 47 lists the direction registers and configurability
associated with each group of USR pins. USR pins 0 to 7 are multiple use pins that can be used for
general purpose I/O, external interrupts and timer control. Table 48 shows the configuration for a USR
pin through its associated bit in its UDIR register. Values read from and written into the GPIO ports use
the data registers USR70. Note: After reset, all USR pins are defaulted as inputs and pulled up to VDD
until any write to the corresponding UDIR register is performed. This insures all USR pins are set to a
known value until set by the firmware. Unused USR pins can be set for output if unused and
unconnected to prevent them from floating. Alternatively, unused USR pins can be set for input and tied
to ground or VDD.
Table 47: Direction Registers and Internal Resources for DIO Pin Groups
USR Pin Group
Type
Direction
Register
Name
Direction
Register
(SFR)
Location
Data
Register
Name
Data
Register
(SFR)
Location
USR_0…USR_7
Multi-use
UDIR70
0x91 [7:0]
USR70
0x90 [7:0]
Table 48: UDIR Control Bit
UDIR Bit
0
1
USR Pin Function
output
input
Four XRAM SFR registers (USRIntTCtl0, USRIntTCtl1, USRIntTCtl2, and USRIntTCtl3) control the use of
the USR [7:0] pins. Each of the USR [7:0] pins can be configured as GPIO or individually be assigned an
internal resource such as an interrupt or a timer/counter control. Each of the four registers contains two
3-bit configuration words named UxIS (where x corresponds to the USR pin). The control resources
selectable for the USR pins are listed in Table 50 through Table 53. If more than one input is connected
to the same resource, the resources are combined using a logical OR.
Table 49: Selectable Controls Using the UxIS Bits
UxIS Value
Resource Selected for USRx Pin
0
None
1
None
2
T0 (counter0 gate/clock)
3
T1 (counter1 gate/clock)
4
Interrupt 0 rising edge/high level on USRx
5
Interrupt 1 rising edge/high level on USRx
6
Interrupt 0 falling edge/low level on USRx
7
Interrupt 1 falling edge/low level on USRx
Note: x denotes the corresponding USR pin. Interrupt edge or level control is assigned in the IT0 and IT1
bits in the TCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com