Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S1210F-44IM/F/P Datasheet(PDF) 2 Page - Teridian Semiconductor Corporation

Part # 73S1210F-44IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-44IM/F/P Datasheet(HTML) 2 Page - Teridian Semiconductor Corporation

  73S1210F-44IM/F/P Datasheet HTML 1Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 2Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
73S1210F Data Sheet
DS_1210F_001
2
Rev. 1.4
FEATURES
80515 Core:
• 1 clock cycle per instruction (most instructions)
• CPU clocked up to 24MHz
• 32KB Flash memory (lockable)
• 2kB XRAM (User Data Memory)
• 256 byte IRAM
• Hardware watchdog timer
Oscillators:
• Single low-cost 6MHz to 12MHz crystal
• An Internal PLL provides all the necessary clocks to
each block of the system
Interrupts:
• Standard 80C515 4-priority level structure
• 9 different sources of interrupt to the core
Power Down Modes:
• 2 standard 80C515 Power Down and IDLE modes
• Sub-µA OFF mode
• ON/OFF Main System Power Switch:
• Input for an SPST momentary switch to ground
Timers:
• (2) Standard 80C52 timers T0 and T1
• (1) 16-bit timer
Built-in ISO-7816 Card Interface:
• Linear regulator produces VCC for the card
(1.8V, 3V or 5V)
• Full compliance with EMV 4.1
• Activation/Deactivation sequencers
• Auxiliary I/O lines (C4 and C8 signals)
• 7kV ESD protection on all interface pins
Communication with Smart Cards:
• ISO 7816 UART 9600 to 115kbps for T=0, T=1
• (2) 2-Byte FIFOs for transmit and receive
• Configured to drive multiple external Teridian
73S8010x interfaces (for multi-SAM architectures)
Voltage Detection:
• Analog Input (detection range: 1.0V to 2.5V)
Communication Interfaces:
• Full-duplex serial interface (1200 to 115kbps
UART)
• I2
• Man-Machine Interface and I/Os:
C Master Interface (400kbps)
• 6x5 Keyboard (hardware scanning, debouncing
and scrambling)
• (8) User I/Os
• Single programmable current output (LED)
• Operating Voltage:
• Single supply 2.7V to 6.5V operation (VPC)
• 5V supply (VBUS 4.4V to 5.5V) with or without
battery back up operation (VBAT 4.0V to 6.5V)
• Automated detection of voltage presence - Priority
on VBUS over VBAT
DC-DC Converter:
• Requires a single 10µH Inductor
• 3.3V / 20mA supply available for external circuits
Operating Temperature:
• -40°C to 85°C
Package:
• 68-pin QFN, 44 pin QFN
Turnkey Firmware:
• Compliant with PC/SC, ISO7816 and EMV4.1
specifications
• Features a Power Down mode accessible from the
host
• Supports Plug & Play over serial interface
• Windows®
• Windows CE / Mobile driver available (*)
XP driver available (*)
• Linux and other OS: Upon request
• Or for custom developments:
o
A complete set of ISO-7816, EMV4.1 and
low-level libraries are available for T=0 / T=1
o
Two-level Application Programming Interface
(ANSI C-language libraries)
(*) Contact Teridian Semiconductor for conditions and
availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com