Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

73S1210F-44IM/F/P Datasheet(PDF) 13 Page - Teridian Semiconductor Corporation

Part # 73S1210F-44IM/F/P
Description  Self-Contained Smart Card Reader with PINpad and Power Management
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S1210F-44IM/F/P Datasheet(HTML) 13 Page - Teridian Semiconductor Corporation

Back Button 73S1210F-44IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 11Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 12Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 13Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 14Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 15Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 16Page - Teridian Semiconductor Corporation 73S1210F-44IM/F/P Datasheet HTML 17Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
DS_1210F_001
73S1210F Data Sheet
Rev. 1.4
13
Table 3: Flash Special Function Registers
Register
SFR
Address
R/W
Description
ERASE
0x94
W
This register is used to initiate either the Flash Mass Erase cycle or the
Flash Page Erase cycle. Specific patterns are expected for ERASE in
order to initiate the appropriate Erase cycle (default = 0x00).
0x55 – Initiate Flash Page Erase cycle. Must be proceeded by a write
to PGADDR @ SFR 0xB7.
0xAA – Initiate Flash Mass Erase cycle. Must be proceeded by a write
to FLSH_MEEN @ SFR 0xB2 and the debug port must be
enabled.
Any other pattern written to ERASE will have no effect.
PGADDR
0xB7
R/W
Flash Page Erase Address register containing the flash memory page
address (page 0 through 127) that will be erased during the Page Erase
cycle (default = 0x00). Note: the page address is shifted left by one bit
(see detailed description above).
Must be re-written for each new Page Erase cycle.
FLSHCTL
0xB2
R/W
Bit 0 (FLSH_PWE): Program Write Enable:
0 – MOVX commands refer to XRAM Space, normal operation (default).
1 – MOVX @DPTR,A moves A to Program Space (Flash) @ DPTR.
This bit is automatically reset after each byte written to flash. Writes to
this bit are inhibited when interrupts are enabled.
W
Bit 1 (FLSH_MEEN): Mass Erase Enable:
0 – Mass Erase disabled (default).
1 – Mass Erase enabled.
Must be re-written for each new Mass Erase cycle.
R/W
Bit 6 (SECURE):
Enables security provisions that prevent external reading of flash
memory and CE program RAM. This bit is reset on chip reset and may
only be set. Attempts to write zero are ignored.
Internal Data Memory: The Internal data memory provides 256 bytes (0x00 to 0xFF) of data memory.
The internal data memory address is always one byte wide and can be accessed by either direct or
indirect addressing. The Special Function Registers occupy the upper 128 bytes. This SFR area is
available only by direct addressing. Indirect addressing accesses the upper 128 bytes of Internal
RAM.
The lower 128 bytes contain working registers and bit-addressable memory. The lower 32 bytes form
four banks of eight registers (R0-R7). Two bits on the program memory status word (PSW) select which
bank is in use. The next 16 bytes form a block of bit-addressable memory space at bit addresses 0x00-
0x7F. All of the bytes in the lower 128 bytes are accessible through direct or indirect addressing. Table 4
shows the internal data memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com