Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K76E-L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82K76E-L
Description  I/O Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K76E-L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82K76E-L Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
HT82K70E-L/HT82K76E-L
I/O Type 8-Bit OTP MCU
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
16-bit
Timer
LVD for
Battery-in
SPI
Stack
Package
HT82K70E-L
4K
´16
216
´8
43
2
ÖÖ
8
28/48SSOP,
32QFN
HT82K76E-L
8K
´16
Rev. 1.00
1
September 15, 2009
General Description
The device is an 8-bit high performance, RISC architec-
ture microcontroller devices specifically designed for
multiple I/O control product applications. The low volt-
age operating requirements of these devices opens up
new application possibilities.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, Power-down and
wake-up functions, Watchdog timer, motor driving, in-
dustrial control, consumer products, subsystem control-
lers, etc.
Features
· Operating voltage: 1.8V~5.5V
· 43 bidirectional I/O lines
· 4K´16 Program Memory - HT82K70E-L
8K
´16 Program Memory - HT82K76E-L
· 216´8 Data RAM
· One external interrupt input shared with I/O lines
· Two 16-bit programmable Timer/Event Counters
with overflow interrupt
· Watchdog Timer function
· Power down and wake-up functions to reduce power
consumption
· Crystal and RC oscillator
· 8-level subroutine nesting
· Bit manipulation instruction
· Low Voltage Detector
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Integrated SPI interface (Max. 8Mb/s)
· Some pins with CMOS and NMOS outputs
· 28/48-pin SSOP and 32-pin QFN packages
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT82K76E-L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K76E-L HOLTEK-HT82K76E-L Datasheet
397Kb / 59P
I/O Type 8-Bit MCU
More results

Similar Description - HT82K76E-L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
I/O Type 8-Bit OTP MCU
September 27, 2006
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
Enhanced I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
Enhanced I/O Type 8-bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
Enhanced I/O Type 8-Bit OTP MCU
June 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com