Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K76E-L Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT82K76E-L
Description  I/O Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K76E-L Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT82K76E-L Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
HT82K70E-L/HT82K76E-L
Rev. 1.00
37
September 15, 2009
Configuration Options
Item
Options
I/O Options
1
PA pull-high: enable or disable by bit
2
PB, PC, PD, PE, PF0~PF2 pull-high: enable or disable by nibble
3
PB, PC, PD, PE, PF0~PF2: Schmitt Trigger or Non-Schmitt Trigger by nibble
4
PA wake-up: enable or disable by bit
5
PB0, PB1 wake-up: enable or disable by bit
6
PB2~PB7, PC, PD, PE, PF0~PF2 wake-up: enable or disable by nibble
7
PA input type Schmitt Trigger and Non-Schmitt Trigger by bit.
8
PE4 function option: PE4 as battery LVD input or PE4 as GPIO (default)
9
Output slew rate select: 0ns, 50ns, 100ns or 200ns
10
PA, NMOS or CMOS by bit
11
TBHP: enable or disable
Oscillator Options
12
OSC type selection: RC or crystal
Watchdog Options
13
CLRWDT instructions: one or two instructions
14
WDT Clock Source: fsys/4 or WDT oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com