Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K76E-L Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT82K76E-L
Description  I/O Type 8-Bit OTP MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K76E-L Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT82K76E-L Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K76E-L Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
HT82K70E-L/HT82K76E-L
Rev. 1.00
35
September 15, 2009
In the Master Mode, the Master will always generate the
clock signal. The clock and data transmission will be ini-
tiated after data has been written to the SBDR register.
In the Slave Mode, the clock signal will be received from
an external master device for both data transmission or
reception. The following sequences show the order to
be followed for data transfer in both Master and Slave
Mode:
· Master Mode
Step 1. Select the clock source using the bit in
the SBCR control register
Step 2. Setup the M0 and M1 bits in the SBCR control
register to select the Master Mode and the
required Baud rate. Values of 00, 01 or 10 can
be selected.
Step 3. Setup the CSEN bit and setup the MLS bit to
choose if the data is MSB or LSB first,
this must be same as the Slave device.
Step 4. Setup the SBEN bit in the SBCR control
register to enable the SPI interface.
Step 5. For write operations: write the data to the
SBDR register, which will actually place the
data into the TXRX buffer. Then use the SCK
and SCS lines to output the data.
Goto to step 6.For read operations: the data
transferred in on the SDI line will be stored
in the TXRX buffer until all the data has been
received at which point it will be latched into
the SBDR register.
Step 6. Check the WCOL bit, if set high then a
collision error has occurred so return to step5.
If equal to zero then go to the following step.
Step 7. Check the bit or wait for an SPI serial bus
interrupt.
Step 8. Read data from the SBDR register
Step 9. Clear
Step10. step 5
· Slave Mode
Step 1. The CKS bit has a don
¢t care value in the
slave mode.
Step 2. Setup the M0 and M1 bits to 11 to select the
Slave Mode. The CKS bit is don
¢t care.
Step 3. Setup the CSEN bit and setup the MLS bit to
choose if the data is MSB or LSB first,
this must be same as the Master device.
Step 4. Setup the SBEN bit in the SBCR control
register to enable the SPI interface.
Step 5. For write operations: write data to the SBCR
register, which will actually place the data into
the TXRX register, then wait for the master
clock and SCS signal. After this goto step 6.
For read operations: the data transferred in
on the SDI line will be stored in the TXRX
buffer until all the data has been received
at which point it will be latched into the SBDR
register.
Step 6. Check the WCOL bit, if set high then a
collision error has occurred so return to step5.
If equal to zero then go to the following step.
Step 7. Check the bit or wait for an SPI serial bus
interrupt.
Step 8. Read data from the SBDR register
Step 9. Clear
Step10. step 5
SPI Configuration Options and Status Control
Several configuration options exist for the SPI Interface
function which must be setup during device programming.
One option is to enable the operation of the WCOL, write
collision bit, in the SBCR register. Another option exists to
select the clock polarity of the SCK line. A configuration
option also exists to disable or enable the operation of the
CSEN bit in the SBCR register. If the configuration option
disables the CSEN bit then this bit cannot be used to affect
overall control of the SPI Interface.
SPI include four pins , can share I/O mode status . The
status control combine with four bits for WSR and SBCR
register. Include SPI_CSEN , SPI_EN for WSR register
and CSEN, SBEN for SBCR register.
Control Bit for Register
SPI Share Function Pins Status
SPI_EN
SPI_CSEN
SBEN
CSEN
SCS
SCK
SDO
SDI
0
x
x
x
I/O mode
I/O mode
I/O mode
I/O mode
1
0
0
x
I/O mode
SPI mode (Z)
SPI mode (Z)
SPI mode (Z)
1
0
1
x
I/O mode
SPI mode
SPI mode
SPI mode (Z)
1
1
0
x
SPI mode (Z)
SPI mode (Z)
SPI mode (Z)
SPI mode (Z)
1
1
1
0
SPI mode (Z)
SPI mode
SPI mode
SPI mode (Z)
1
1
1
1
SPI mode
SPI mode
SPI mode
SPI mode (Z)
Note:
X: don
¢t care
(Z) floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com