Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B30674-D2024-R424 Datasheet(PDF) 11 Page - EPCOS

Part # B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Datasheet(HTML) 11 Page - EPCOS

Back Button B30674-D2024-R424 Datasheet HTML 7Page - EPCOS B30674-D2024-R424 Datasheet HTML 8Page - EPCOS B30674-D2024-R424 Datasheet HTML 9Page - EPCOS B30674-D2024-R424 Datasheet HTML 10Page - EPCOS B30674-D2024-R424 Datasheet HTML 11Page - EPCOS B30674-D2024-R424 Datasheet HTML 12Page - EPCOS B30674-D2024-R424 Datasheet HTML 13Page - EPCOS B30674-D2024-R424 Datasheet HTML 14Page - EPCOS B30674-D2024-R424 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
EPCOS
Please read cautions and warnings and
important notes at the end of this document.
Characteristics PCN/PCS TX
Operating temperature range:
T
= –30 ... +85
°C
Terminating source impedance:
ZI = 50 Ω
Terminating load impedance:
ZO = 50 Ω
D2024
min.
typ.
25
°C
max.
Passband frequency
fTx
1710
1785
Insertion loss
ILTx
1.6
1.8
dB
Amplitude ripple
0.1
0.4
dB
VSWR Antenna
VSWR
1.1
1.5
VSWR Tx
VSWR
1.2
1.5
Passband frequency
fTx
1850
1910
Insertion loss
ILTx
1.6
1.8
dB
Amplitude ripple
0.1
0.4
dB
VSWR Antenna
VSWR
1.1
1.5
VSWR Tx
VSWR
1.2
1.5
Attenuation
2fTx
3420 ... 3570 MHz
30
33
dB
3700 ... 3820 MHz
29
31
dB
3fTx
5130 ... 5355 MHz
30
40
dB
5550 ... 5730 MHz
30
45
dB
Isolation
PCN/PCS Tx -> GSM850 Rx
1710 ... 1910 MHz
40
60
dB
PCN/PCS Tx -> EGSM Rx
1710 ... 1910 MHz
40
65
dB
PCN/PCS Tx -> PCN Rx
1710 ... 1910 MHz
30
38
dB
PCN/PCS Tx -> PCS Rx
1710 ... 1910 MHz
35
55
dB
PCN/PCS Tx -> WCDMA850
1710 ... 1910 MHz
18
20
dB
PCN/PCS Tx -> WCDMA1900
1710 ... 1910 MHz
20
29
dB
PCN/PCS Tx -> WCDMA2100
1710 ... 1910 MHz
20
31
dB
WCDMA850-> PCN/PCS Tx
824 ...
849 MHz
27
29
dB
GSM850/EGSM Tx -> Ant
3420 ... 3820 MHz
20
48
dB
5130 ... 5730 MHz
20
48
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com