Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B30674-D2024-R424 Datasheet(PDF) 20 Page - EPCOS

Part # B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Datasheet(HTML) 20 Page - EPCOS

Back Button B30674-D2024-R424 Datasheet HTML 14Page - EPCOS B30674-D2024-R424 Datasheet HTML 15Page - EPCOS B30674-D2024-R424 Datasheet HTML 16Page - EPCOS B30674-D2024-R424 Datasheet HTML 17Page - EPCOS B30674-D2024-R424 Datasheet HTML 18Page - EPCOS B30674-D2024-R424 Datasheet HTML 19Page - EPCOS B30674-D2024-R424 Datasheet HTML 20Page - EPCOS B30674-D2024-R424 Datasheet HTML 21Page - EPCOS B30674-D2024-R424 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
Please read cautions and warnings and
important notes at the end of this document.
EPCOS
Characteristics PCS RX
Operating temperature range:
T
= –30 ... +85
°C
Terminating source impedance:
ZI = 50 Ω
Terminating load impedance:
ZO = 180 Ω || 12 nH
D2024
min.
typ.
@25
°C
max.
Passband frequency
fRx
1930
1990
Insertion loss
@25
°C
ILRx
2.8
3.6
dB
Insertion loss
@ –10
°C ... +85 °C
3.3
3.8
dB
Insertion loss
@ –30
°C ... +85 °C
3.5
4.1
dB
Amplitude ripple
1.0
1.5
dB
Amplitude imbalance (|S31/S21|)
±0.7
±1.5
dB
Phase imbalance
φ(S31) - φ(S21) - 180°
±4
±10
deg
VSWR Antenna
VSWR
1.5
2.3
VSWR Rx
VSWR
1.5
2.3
Attenuation
0 ... 1830 MHz
30
38
dB
1830 ... 1910 MHz
10
18
dB
2010 ... 2070 MHz
10
16
dB
2070 ... 2100 MHz
20
26
dB
2100 ... 2400 MHz
25
30
dB
2400 ... 2500 MHz
35
45
dB
2500 ... 3860 MHz
30
36
dB
3860 ... 3980 MHz
40
55
dB
3980 ... 5790 MHz
30
54
dB
5790 ... 5970 MHz
40
55
dB
5970 ... 6000 MHz
30
57
dB
Isolation
PCN/PCS Tx -> Ant
1850 ... 1910 MHz
20
23
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com