Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B30674-D2024-R424 Datasheet(PDF) 15 Page - EPCOS

Part # B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Datasheet(HTML) 15 Page - EPCOS

Back Button B30674-D2024-R424 Datasheet HTML 11Page - EPCOS B30674-D2024-R424 Datasheet HTML 12Page - EPCOS B30674-D2024-R424 Datasheet HTML 13Page - EPCOS B30674-D2024-R424 Datasheet HTML 14Page - EPCOS B30674-D2024-R424 Datasheet HTML 15Page - EPCOS B30674-D2024-R424 Datasheet HTML 16Page - EPCOS B30674-D2024-R424 Datasheet HTML 17Page - EPCOS B30674-D2024-R424 Datasheet HTML 18Page - EPCOS B30674-D2024-R424 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
EPCOS
Please read cautions and warnings and
important notes at the end of this document.
Characteristics WCDMA1900 port at WCDMA2100 frequencies
Operating temperature range:
T
= –30 ... +85
°C
Terminating source impedance:
ZI = 50 Ω
Terminating load impedance:
ZO = 50 Ω
D2024
min.
typ.
25
°C
max.
Passband frequency
fTx
1920
1980
Insertion loss
@ 25
°C
ILTx
1.0
1.3
dB
Insertion loss
1.4
dB
Amplitude ripple
0.1
0.4
dB
VSWR Antenna
VSWR
1.2
1.5
VSWR Tx
VSWR
1.2
1.5
Passband frequency
fRx
2110
2170
Insertion loss
@ 25
°C
ILRx
1.0
1.3
dB
Insertion loss
1.4
dB
Amplitude ripple
0.1
0.4
dB
VSWR Antenna
VSWR
1.2
1.5
VSWR Tx
VSWR
1.2
1.5
Intermodulation
PIM3-WCDMA2100-Rx
at 2110 ... 2170 MHz
PIM3
–110
–100
dBm
PWCDMA = +20 dBm at 1920 ... 1980 MHz
PCW-Ant = –15 dBm at 1730 ... 1790 MHz
at worst case phase angle at WCDMA port
PIM2-WCDMA2100-Rx
at 2110 ... 2170 MHz
PIM2
–115
–100
dBm
PWCDMA = +20 dBm at 1920 ... 1980 MHz
PCW-Ant = –15 dBm at
190 MHz
at worst case phase angle at WCDMA port
Harmonic generation PIN = 27 dBm
2
⋅ fTx
–57
–40
dBm
3
⋅ fTx
–68
–40
dBm
4 ... 7
⋅ fTx
–70
–40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com