Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B30674-D2024-R424 Datasheet(PDF) 16 Page - EPCOS

Part # B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Datasheet(HTML) 16 Page - EPCOS

Back Button B30674-D2024-R424 Datasheet HTML 12Page - EPCOS B30674-D2024-R424 Datasheet HTML 13Page - EPCOS B30674-D2024-R424 Datasheet HTML 14Page - EPCOS B30674-D2024-R424 Datasheet HTML 15Page - EPCOS B30674-D2024-R424 Datasheet HTML 16Page - EPCOS B30674-D2024-R424 Datasheet HTML 17Page - EPCOS B30674-D2024-R424 Datasheet HTML 18Page - EPCOS B30674-D2024-R424 Datasheet HTML 19Page - EPCOS B30674-D2024-R424 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
Please read cautions and warnings and
important notes at the end of this document.
EPCOS
Characteristics WCDMA2100
Operating temperature range:
T
= –30 ... +85
°C
Terminating source impedance:
ZI = 50 Ω
Terminating load impedance:
ZO = 50 Ω
D2024
min.
typ.
25
°C
max.
Passband frequency
fTx
1920
1980
Insertion loss
@25
°C
ILTx
1.5
1.7
dB
Insertion loss
1.75
dB
Amplitude ripple
0.1
0.4
dB
VSWR Antenna
VSWR
1.25
1.5
VSWR Tx
VSWR
1.2
1.5
Passband frequency
fRx
2110
2170
Insertion loss
@25
°C
ILRx
1.6
1.8
dB
Insertion loss
1.85
dB
Amplitude ripple
0.1
0.4
dB
VSWR Antenna
VSWR
1.25
1.5
VSWR Tx
VSWR
1.3
1.5
Intermodulation
PIM3-WCDMA2100-Rx
at 2110 ... 2170 MHz
PIM3
–110
–100
dBm
PWCDMA = +20 dBm at 1920 ... 1980 MHz
PCW-Ant = –15 dBm at 1730 ... 1790 MHz
at worst case phase angle at WCDMA port
PIM2-WCDMA2100-Rx
at 2110 ... 2170 MHz
PIM2
–115
–100
dBm
PWCDMA = +20 dBm at 1920 ... 1980 MHz
PCW-Ant = –15 dBm at
190 MHz
at worst case phase angle at WCDMA port
Harmonic generation PIN = 27 dBm
2
⋅ fTx
–70
–40
dBm
3
⋅ fTx
–70
–40
dBm
4 ... 7
⋅ fTx
–70
–40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com