Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3525 Datasheet(PDF) 15 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 15 Page - ams AG

Back Button AS3525 Datasheet HTML 11Page - ams AG AS3525 Datasheet HTML 12Page - ams AG AS3525 Datasheet HTML 13Page - ams AG AS3525 Datasheet HTML 14Page - ams AG AS3525 Datasheet HTML 15Page - ams AG AS3525 Datasheet HTML 16Page - ams AG AS3525 Datasheet HTML 17Page - ams AG AS3525 Datasheet HTML 18Page - ams AG AS3525 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
15
- 194
6.2.6 Audio Specification
Table 9
Audio Parameters
Symbol
Parameter
Notes
Min
Typ
Max
Unit
DAC Input to Line Output
FS
Full Scale Output
1kHz FS input
0.985
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
92
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
89
dB
THD
Total Harmonic Distortion
1kHz FS input
-90
dB
Line Input to Line Output
FS
Full Scale Output
1kHz 1VRMS (FS) input
0.95
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
93
dB
THD
Total Harmonic Distortion
1kHz 1VRMS (FS) input
-85
dB
CS
Channel Separation
89
dB
DAC Input to HP Output
FS
Full Scale Output
RL= 32
Ω
0.950
VRMS
RL= 16
Ω
0.944
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
94
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
input
90
dB
THD
Total Harmonic Distortion
no load, 1kHz FS input
-90
dB
Pout=20mW, RL= 32
Ω, f=1kHz FS input
-73
dB
Pout=40mW, RL= 16
Ω, f=1kHz FS input
-66
dB
CS
Channel Separation
RL = 32
Ω
73
dB
RL = 16
Ω
66
dB
Line Input to HP Output
FS
Full Scale Output
RL= 32
Ω, 1kHz 1VRMS(FS) input
0.930
VRMS
RL= 16
Ω, 1kHz 1VRMS (FS) input
0.936
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
96
dB
DR
Dynamic Range
A-weighted, no load, -60dB FS 1kHz
(FS) input
95
dB
THD
Total Harmonic Distortion
no load, 1kHz 1VRMS input
-86
dB
Pout=20mW, R=32
Ω, 1kHz 1VRMS (FS)
input
-75
dB
Pout=40mW, R=16
Ω, 1kHz 1VRMS (FS)
input
-69
-60
dB
CS
Channel Separation
RL = 32
Ω
70
dB
RL = 16
Ω
62
dB
Line Input to SP Output
FS
Full Scale Output
RL= 32
Ω, 1kHz 1VRMS (FS) input
1.708
VRMS
RL= 16
Ω, 1kHz 1VRMS (FS) input
1.690
VRMS
RL= 4
Ω, 1kHz 1VRMS (FS) input
1.524
VRMS
SNR
Signal to Noise Ratio
A-weighted, no load, silence input
94
dB
THD
Total Harmonic Distortion
no load, 1kHz 1VRMS (FS) input
-86
dB
CS
Channel Separation
RL = 32
Ω
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com