Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3525 Datasheet(PDF) 47 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 47 Page - ams AG

Back Button AS3525 Datasheet HTML 43Page - ams AG AS3525 Datasheet HTML 44Page - ams AG AS3525 Datasheet HTML 45Page - ams AG AS3525 Datasheet HTML 46Page - ams AG AS3525 Datasheet HTML 47Page - ams AG AS3525 Datasheet HTML 48Page - ams AG AS3525 Datasheet HTML 49Page - ams AG AS3525 Datasheet HTML 50Page - ams AG AS3525 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
47
- 194
7.3.3
SSP – Synchronous Serial Port
The SSP is a master or slave interface that enables synchronous serial communication with slave or master peripherals
having one of the following:
•
a Motorola SPI-compatible interface
•
a TI synchronous serial interface
•
a National Semiconductor MicroWire interface
In both master and slave configurations the SSP performs
•
parallel-to-serial conversion on data written to an internal 16-bit wide, 8-location deep transmit FIFO
•
serial-to-parallel conversion on received data, buffering it in a similar 16-bit wide, 8 location-deep receive FIFO
Interrupts are generated to:
•
request servicing of the transmit and receive FIFO
•
inform the system that a receive FIFO overrun has occurred
•
inform the system that data is present in the receive FIFO after an idle period has expired
SSP Features:
•
compliant to AMBA Rev 2.0
•
master or slave operation
•
programmable clock bit rate and prescale
•
separate receive and transmit memory buffers each 16 bits wide and 8 bits deep
•
programmable data frame size from 4 to 16 bit
•
independent masking of receive FIFO, transmit FIFO and receive overrun interrupts
•
internal loopback testmode available
•
support for DMA
•
identification register uniquely identifying the PrimeCell™ itself (support for OS)
SPI features:
•
full-duplex, four wire synchronous transfer
•
programmable clock polarity and phase
MicroWire features:
•
half duplex transfer using 8 bit control message
Texas Instruments SSI features:
•
full-duplex, four wire synchronous transfer
•
transmit data PIN tristateable when not transmitting
Programmable parameters:
•
master or slave mode
•
enabling of operation
•
frame format
•
communication baud rate
•
clock phase and polarity
•
data width from 4 to 16 bit
•
interrupt masking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com