Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3525 Datasheet(PDF) 22 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 22 Page - ams AG

Back Button AS3525 Datasheet HTML 18Page - ams AG AS3525 Datasheet HTML 19Page - ams AG AS3525 Datasheet HTML 20Page - ams AG AS3525 Datasheet HTML 21Page - ams AG AS3525 Datasheet HTML 22Page - ams AG AS3525 Datasheet HTML 23Page - ams AG AS3525 Datasheet HTML 24Page - ams AG AS3525 Datasheet HTML 25Page - ams AG AS3525 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
22
- 194
7.1.6 Boot Concept
It can be selected if the system should boot either using the internal ROM (internal boot loader) or an external ROM/Flash (connected to the MPMC
interface). XPC[0] is read within global chip reset to do the selection of either internal or external boot.
Table 11 Boot definitions for internal/external boot selection
XPC[0]
Booting Option
1
Internal ROM
0
External ROM/Flash
7.1.6.1
Internal Bootloader Version C22
Within the internal ROM boot loader several options for booting can be selected:
•
SSP IF - SPI master for ST serial flash types
•
SSP IF - SPI slave
•
NandFlash
•
Debug UART diagnostics
•
IDE boot: direct boot from harddisk
•
USB boot promer. In the case that a USB connection is present and either an update button is pressed or there is no
bootable device, the USB promer is started (see Figure 7 Boot decision between normal boot and USB boot promer” for
details). The USB boot promer allows update of the firmware by using an USB mass storage class device. This update can
be used either for initial programming (factory programming) or as mechanism for an in-field firmware update.
All boot loader options of the internal bootloader are configured by XPC[3:1] pins. External pull-up or pull-down resistors should be used to
configure the boot options.
Table 12 Boot definitions Chip version C22
XPC[3:1]
Boot Device
0
000
SPI master ST M25Pxx serial Nor Flash
1
001
SPI master Atmel AT45DB011B serial Nor Flash
2
010
SPI slave
3
011
NandFlash
4
100
IDE
5
101
reserved for developers mode
6
110
UART / Command Line Interface without diagnostics
7
111
UART / Command Line Interface with diagnostics
The update button is located between xpa[4] and xpa[0]. Within the key scan routine, xpa[4] is driven shortly to each logic level “0” and “1” and the
value of xpa[0] is read back to sense a keypress of the update button.
For the USB promer, it is necessary that frequency settings defining the quarz crystal frequency are defined by the pins xpa[6:4]. For details refer to
“Table 13 USB promer frequency settings”. These settings are read at the beginning in the initialisation routine of the bootloader.
Table 13 USB promer frequency settings
XPA[6:4]
USB promer frequency settings
000
24 MHz
001
20 MHz
010
13 MHz
011
12 MHz
100
10 MHz
others
reserved / defaults to 24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com