Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3525 Datasheet(PDF) 5 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 5 Page - ams AG

  AS3525 Datasheet HTML 1Page - ams AG AS3525 Datasheet HTML 2Page - ams AG AS3525 Datasheet HTML 3Page - ams AG AS3525 Datasheet HTML 4Page - ams AG AS3525 Datasheet HTML 5Page - ams AG AS3525 Datasheet HTML 6Page - ams AG AS3525 Datasheet HTML 7Page - ams AG AS3525 Datasheet HTML 8Page - ams AG AS3525 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
5
- 194
7.2.6
IDE Interface
30
7.2.7
USB 2.0 HS OTG interface
33
7.2.8
Memory Stick / Memory Stick Pro Interface
38
7.3
APB Peripheral Block
40
7.3.1
Timers
40
7.3.2
Watchdog Unit
44
7.3.3
SSP – Synchronous Serial Port
47
7.3.4
GPIO - General purpose input/output ports
49
7.3.5
MCI – SD / MMC Card Interface
56
7.3.6
I2cAudMas - I2C audio master interface
57
7.3.7
I2CMSI - I2C master/slave interface
58
7.3.8
I2SIN - I2S input interface
59
7.3.9
SPDIF interface
65
7.3.10
I2SOUT - I2S output interface
66
7.3.11
NAND Flash Interface
72
7.3.12
DBOP - Data Block Output Port
83
7.3.13
UART – Universal Asynchronous Receiver/Transmitter
93
7.3.14
CGU - Clock generation unit
100
7.3.15
CCU - Chip Control Unit
114
7.4
Audio and Power Management functions
119
7.4.1
SYSTEM
119
7.4.2
3V Step-Up Converter
121
7.4.3
Low Drop Out Regulators
123
7.4.4
Charge-Pump Step-Down Converter
126
7.4.5
Audio Line Output
129
7.4.6
Headphone Output
131
7.4.7
Speaker Output
134
7.4.8
Microphone Inputs (2x)
138
7.4.9
Audio Line Inputs (2x)
141
7.4.10
I2S Digital Audio Interface
143
7.4.11
Audio Output Mixer
147
7.4.12
Audio Settings
148
7.4.13
VBUS CP & Comparator
150
7.4.14
Auxiliary Oscillator
151
7.4.15
Charger
152
7.4.16
15V Step-Up Converter
154
7.4.17
Supervisor
156
7.4.18
Interrupt Generation
157
7.4.19
Real Time Clock
162
7.4.20
10-Bit ADC
164
7.4.21
128 bit OTP ROM
167
7.4.22
2-Wire-Serial Control Interface
168
8
PINOUT AND PACKAGING
172
8.1
Package Variants
172
8.2
CTBGA224 Package Drawings
172
8.2.1
Marking
172
8.2.2
CTBGA224 Package Ball-out
173
8.2.3
CTBGA224 Ball List
173
8.3
CTBGA144 Package Drawings
182
8.3.1
CTBGA144 Package Ball-out
182
8.3.2
CTBGA144 Ball List
183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com