Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 311 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 311 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 307Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 308Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 309Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 310Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 311Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 312Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 313Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 314Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 311
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 22-1:
ADCON: A/D CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
U-0
R/W-0
U-0
R/W-0
ADON
—
ADSIDL
SLOWCLK(1)
—GSWTRG
—FORM(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-1
R/W-1
EIE(1)
ORDER(1)
SEQSAMP(1) ASYNCSAMP(1)
—
ADCS<2:0>(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADON: A/D Operating Mode bit
1 = A/D converter module is operating
0 = A/D converter is off
bit 14
Unimplemented: Read as ‘0’
bit 13
ADSIDL: Stop in Idle Mode bit
1 = Discontinue module operation when device enters Idle mode
0 = Continue module operation in Idle mode
bit 12
SLOWCLK: Enable The Slow Clock Divider bit(1)
1 = ADC is clocked by the auxiliary PLL (ACLK)
0 = ADC is clock by the primary PLL (FVCO)
bit 11
Unimplemented: Read as ‘0’
bit 10
GSWTRG: Global Software Trigger bit
When this bit is set by the user, it will trigger conversions if selected by the TRGSRC<4:0> bits in the
ADCPCx registers. This bit must be cleared by the user prior to initiating another global trigger (i.e., this
bit is not auto-clearing).
bit 9
Unimplemented: Read as ‘0’
bit 8
FORM: Data Output Format bit(1)
1 = Fractional (DOUT = dddd dddd dd00 0000)
0 = Integer (DOUT = 0000 00dd dddd dddd)
bit 7
EIE: Early Interrupt Enable bit(1)
1 = Interrupt is generated after first conversion is completed
0 = Interrupt is generated after second conversion is completed
bit 6
ORDER: Conversion Order bit(1)
1 = Odd numbered analog input is converted first, followed by conversion of even numbered input
0 = Even numbered analog input is converted first, followed by conversion of odd numbered input
bit 5
SEQSAMP: Sequential Sample Enable bit(1)
1 = Shared Sample and Hold (S&H) circuit is sampled at the start of the second conversion if
ORDER = 0. If ORDER = 1, then the shared S&H is sampled at the start of the first conversion.
0 = Shared S&H is sampled at the same time the dedicated S&H is sampled if the shared S&H is not
currently busy with an existing conversion process. If the shared S&H is busy at the time the
dedicated S&H is sampled, then the shared S&H will sample at the start of the new conversion
cycle.
bit 4
ASYNCSAMP: Asynchronous Dedicated S&H Sampling Enable bit(1)
1 = The dedicated S&H is constantly sampling and then terminates sampling as soon as the trigger
pulse is detected.
0 = The dedicated S&H starts sampling when the trigger event is detected and completes the sampling
process in two ADC clock cycles.
Note 1: This control bit can only be changed while the ADC is disabled (ADON = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com