Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 313 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 313 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 309Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 310Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 311Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 312Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 313Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 314Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 315Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 316Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 313
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
REGISTER 22-2:
ADSTAT: A/D STATUS REGISTER
U-0
U-0
U-0
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
—
—
—
P12RDY
P11RDY
P10RDY
P9RDY
P8RDY
bit 15
bit 8
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
P7RDY
P6RDY
P5RDY
P4RDY
P3RDY
P2RDY
P1RDY
P0RDY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
C = Clearable bit
‘1’ = Bit is set
HS = Hardware Settable bit
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 6
P12RDY: Conversion Data for Pair 12 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 5
P11RDY: Conversion Data for Pair 11 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 4
P10RDY: Conversion Data for Pair 10 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 3
P9RDY: Conversion Data for Pair 9 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 2
P8RDY: Conversion Data for Pair 8 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 1
P7RDY: Conversion Data for Pair 7 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 6
P6RDY: Conversion Data for Pair 6 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 5
P5RDY: Conversion Data for Pair 5 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 4
P4RDY: Conversion Data for Pair 4 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 3
P3RDY: Conversion Data for Pair 3 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 2
P2RDY: Conversion Data for Pair 2 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 1
P1RDY: Conversion Data for Pair 1 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 0
P0RDY: Conversion Data for Pair 0 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
Note:
Not all PxRDY bits are available on all devices. See Figure 22-1, Figure 22-2, Figure 22-3, and
Figure 22-4 for the available analog inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com