Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 314 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 314 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 310Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 311Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 312Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 313Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 314Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 315Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 316Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 317Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 314
Preliminary
 2009 Microchip Technology Inc.
REGISTER 22-3:
ADBASE: A/D BASE REGISTER(1,2)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADBASE<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
ADBASE<7:1>
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-1
ADBASE<15:1>: This register contains the base address of the user’s ADC Interrupt Service Routine
jump table. This register, when read, contains the sum of the ADBASE register contents and the
encoded value of the PxRDY Status bits.
The encoder logic provides the bit number of the highest priority PxRDY bits where P0RDY is the
highest priority, and P6RDY is the lowest priority.
bit 0
Unimplemented: Read as ‘0’
Note 1: The encoding results are shifted left two bits so bits 1-0 of the result are always zero.
2: As an alternative to using the ADBASE Register, the ADCP0-ADCP12 ADC Pair Conversion Complete
Interrupts can be used to invoke A to D conversion completion routines for individual ADC input pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com