Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 338 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 338 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 334Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 335Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 336Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 337Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 338Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 339Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 340Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 341Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 342Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 338
Preliminary
 2009 Microchip Technology Inc.
FIGURE 24-2:
WDT BLOCK DIAGRAM
24.5
JTAG Interface
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices implement
a JTAG interface, which supports boundary scan
device testing, as well as in-circuit programming.
Detailed information on this interface will be provided in
future revisions of the document.
24.6
In-Circuit Serial Programming
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 family digital signal
controllers can be serially programmed while in the end
application circuit. This is done with two lines for clock
and data and three other lines for power, ground and
the programming sequence. Serial programming
allows customers to manufacture boards with
unprogrammed devices and then program the digital
signal controller just before shipping the product. Serial
programming also allows the most recent firmware or a
custom firmware to be programmed. Refer to the
“dsPIC33F/PIC24H Flash Programming Specification”
(DS70152)
for
details
about
In-Circuit
Serial
Programming (ICSP).
Any of the three pairs of programming clock/data pins
can be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
24.7
In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the in-
circuit debugging functionality is enabled. This function
allows simple debugging functions when used with
MPLAB IDE. Debugging functionality is controlled
through the EMUCx (Emulation/Debug Clock) and
EMUDx (Emulation/Debug Data) pin functions.
Any of the three pairs of debugging clock/data pins can
be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
To use the in-circuit debugger function of the device,
the design must implement ICSP connections to
MCLR, VDD, VSS, PGC, PGD and the EMUDx/EMUCx
pin pair. In addition, when the feature is enabled, some
of the resources are not available for general use.
These resources include the first 80 bytes of data RAM
and two I/O pins.
All Device Resets
Transition to New Clock Source
Exit Sleep or Idle Mode
PWRSAV Instruction
CLRWDT Instruction
0
1
WDTPRE
WDTPOST<3:0>
Watchdog Timer
Prescaler
(Divide by N1)
Postscaler
(Divide by N2)
Sleep/Idle
WDT
WDT Window Select
WINDIS
WDT
CLRWDT Instruction
SWDTEN
FWDTEN
LPRC Clock
RS
RS
Wake-up
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com