Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 339 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 339 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 335Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 336Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 337Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 338Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 339Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 340Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 341Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 342Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 339
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
24.8
Code Protection and
CodeGuard™ Security
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices offer the
intermediate implementation of CodeGuard™ Security.
CodeGuard Security enables multiple parties to securely
share resources (memory, interrupts and peripherals) on
a single chip. This feature helps protect individual
Intellectual Property in collaborative system designs.
When coupled with software encryption libraries,
CodeGuard™ Security can be used to securely update
Flash even when multiple IPs reside on a single chip.
The code protection features are controlled by the
Configuration registers: FBS and FGS.
Secure segment and RAM protection is not implemented
in
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices.
TABLE 24-3:
CODE FLASH SECURITY SEGMENT SIZES FOR 64K BYTE DEVICES
TABLE 24-4:
CODE FLASH SECURITY SEGMENT SIZES FOR 32K BYTE DEVICES
Note:
Refer
to
the
“CodeGuard
Security
Reference Manual” (DS70180) for further
information on usage, configuration and
operation of CodeGuard Security.
BSS<2:0> = x11 0K
BSS<2:0> = x10 1K
BSS<2:0> = x01 4K
BSS<2:0> = x00 8K
BSS<2:0> = x11 0K
BSS<2:0> = x10 1K
BSS<2:0> = x01 4K
BSS<2:0> = x00 8K
0001FEh
000200h
000000h
VS = 256 IW
00ABFEh
GS = 21760 IW
0001FEh
000200h
000000h
VS = 256 IW
0007FEh
000800h
00ABFEh
GS = 20992 IW
BS = 768 IW
0001FEh
000200h
000000h
VS = 256 IW
00ABFEh
001FFEh
002000h
GS = 17920 IW
BS = 3840 IW
003FFEh
004000h
0001FEh
000200h
000000h
VS = 256 IW
00ABFEh
GS = 13824 IW
BS = 7936 IW
0057FEh
0001FEh
000200h
000000h
VS = 256 IW
GS = 11008 IW
00ABFEh
0057FEh
0001FEh
000200h
000000h
VS = 256 IW
0007FEh
000800h
GS = 10240 IW
BS = 768 IW
00ABFEh
0057FEh
0001FEh
000200h
000000h
VS = 256 IW
001FFEh
002000h
GS = 7168 IW
BS = 3840 IW
00ABFEh
0057FEh
003FFEh
004000h
0001FEh
000200h
000000h
VS = 256 IW
GS = 3072 IW
BS = 7936 IW
00ABFEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com