Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ32GS608 Datasheet(PDF) 336 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 336 Page - Microchip Technology

Back Button dsPIC33FJ32GS608 Datasheet HTML 332Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 333Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 334Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 335Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 336Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 337Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 338Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 339Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 416 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591B-page 336
Preliminary
 2009 Microchip Technology Inc.
24.2
On-Chip Voltage Regulator
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices power their
core digital logic at a nominal 2.5V. This can create a con-
flict for designs that are required to operate at a higher
typical voltage, such as 3.3V. To simplify system design,
all devices in the dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610 families incorporate
an on-chip regulator that allows the device to run its core
logic from VDD.
The regulator provides power to the core from the other
VDD pins. When the regulator is enabled, a low-ESR
(less than 5 ohms) capacitor (such as tantalum or
ceramic) must be connected to the VCAP/VDDCORE pin
(Figure 24-1). This helps to maintain the stability of the
regulator. The recommended value for the filter
capacitor is provided in Table 27-13 located in
Section 27.1 “DC Characteristics”.
On a POR
, it takes approximately 20 s for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 24-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1,2)
CMPPOL1
FCMP
Comparator Hysteresis Polarity (for odd numbered comparators)
1 = Hysteresis is applied to falling edge
0 = Hysteresis is applied to rising edge
HYST1<1:0>
FCMP
Comparator Hysteresis Select
11 = 45 mV Hysteresis
10 = 30 mV Hysteresis
01 = 15 mV Hysteresis
00 = No Hysteresis
TABLE 24-2:
dsPIC33F CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description
Note:
It is important for the low-ESR capacitor to
be placed as close as possible to the
VCAP/VDDCORE pin.
Note 1:
These are typical operating voltages. Refer
to Table 27-13 located in Section 27.1 “DC
Characteristics” for the full operating
ranges of VDD and VCAP/VDDCORE.
2:
It is important for the low-ESR capacitor to
be placed as close as possible to the VCAP/
VDDCORE pin.
VDD
VCAP/VDDCORE
VSS
dsPIC33F
CEFC
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com