Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100C6H7B Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F100C6H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C6H7B Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F100C6H7B Datasheet HTML 66Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 67Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 68Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 69Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 70Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 71Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 72Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 73Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Electrical characteristics
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
70/84
Doc ID 16455 Rev 2
5.3.17
DAC electrical specifications
Table 45.
DAC characteristics
Symbol
Parameter
Min
Typ
Max(1)
Unit
Comments
VDDA
Analog supply voltage
2.4
3.6
V
VREF+
Reference supply voltage
2.4
3.6
V
VREF+ must always be below
VDDA
VSSA
Ground
0
0
V
RLOAD
(2)
Resistive load with buffer ON
5
k
RO
(1)
Impedance output with buffer OFF
15
k
When the buffer is OFF, the
Minimum resistive load between
DAC_OUT and VSS to have a
1% accuracy is 1.5 M
CLOAD
(1)
Capacitive load
50
pF
Maximum capacitive load at
DAC_OUT pin (when the buffer
is ON).
DAC_OUT
min(1)
Lower DAC_OUT voltage with buffer
ON
0.2
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input
code (0x0E0) to (0xF1C) at
VREF+ = 3.6 V and (0x155) and
(0xEAB) at VREF+ = 2.4 V
DAC_OUT
max(1)
Higher DAC_OUT voltage with buffer
ON
VDDA –
0.2
V
DAC_OUT
min(1)
Lower DAC_OUT voltage with buffer
OFF
0.5
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(1)
Higher DAC_OUT voltage with buffer
OFF
VREF+
– 1LSB
V
IDDVREF+
DAC DC current consumption in
quiescent mode (Standby mode)
220
µA
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on the
inputs
IDDA
DAC DC current consumption in
quiescent mode (Standby mode)
380
µA
With no load, middle code
(0x800) on the inputs
480
µA
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on the
inputs
DNL(3)
Differential non linearity Difference
between two consecutive code-1LSB)
±0.5
LSB
Given for the DAC in 10-bit
configuration
±2
LSB
Given for the DAC in 12-bit
configuration
INL(3)
Integral non linearity (difference
between measured value at Code i
and the value at Code i on a line
drawn between Code 0 and last Code
1023)
±1
LSB
Given for the DAC in 10-bit
configuration
±4
LSB
Given for the DAC in 12-bit
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com