Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100C6H7B Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F100C6H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C6H7B Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F100C6H7B Datasheet HTML 67Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 68Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 69Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 70Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 71Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 72Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 73Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 74Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Electrical characteristics
Doc ID 16455 Rev 2
71/84
Figure 35.
12-bit buffered /non-buffered DAC
1.
The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
5.3.18
Temperature sensor characteristics
Offset(3)
Offset error
(difference between measured value
at Code (0x800) and the ideal value =
VREF+/2)
±10
mV
Given for the DAC in 12-bit
configuration
±3
LSB
Given for the DAC in 10-bit at
VREF+ = 3.6 V
±12
LSB
Given for the DAC in 12-bit at
VREF+ = 3.6 V
Gain
error(3)
Gain error
±0.5
%
Given for the DAC in 12bit
configuration
tSETTLING
(
3)
Settling time (full scale: for a 10-bit
input code transition between the
lowest and the highest input codes
when DAC_OUT reaches final value
±1LSB
34
µs
CLOAD  50 pF, RLOAD  5 k
Update
rate(3)
Max frequency for a correct
DAC_OUT change when small
variation in the input code (from code i
to i+1LSB)
1MS/s CLOAD  50 pF, RLOAD  5 k
tWAKEUP
(3)
Wakeup time from off state (Setting
the ENx bit in the DAC Control
register)
6.5
10
µs
CLOAD  50 pF, RLOAD  5 k
input code between lowest and
highest possible ones.
PSRR+ (1)
Power supply rejection ratio (to VDDA)
(static DC measurement
–67
–40
dB
No RLOAD, CLOAD = 50 pF
1.
Guaranteed by characterization, not tested in production.
2.
Guaranteed by design, not tested in production.
3.
Guaranteed by characterization, not tested in production.
Table 45.
DAC characteristics (continued)
Symbol
Parameter
Min
Typ
Max(1)
Unit
Comments
R LOAD
C LOAD
Buffered/Non-buffered DAC
DACx_OUT
Buffer(1)
12-bit
digital to
analog
converter
ai17157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com