Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100C6H7B Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32F100C6H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C6H7B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32F100C6H7B Datasheet HTML 14Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 15Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 16Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 17Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 18Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 19Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 20Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 21Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
Description
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
18/84
Doc ID 16455 Rev 2
2.16.1
Advanced-control timer (TIM1)
The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on 6
channels. It has complementary PWM outputs with programmable inserted dead times. It
can also be seen as a complete general-purpose timer. The 4 independent channels can be
used for:
●
Input capture
●
Output compare
●
PWM generation (edge or center-aligned modes)
●
One-pulse mode output
If configured as a standard 16-bit timer, it has the same features as the TIMx timer. If
configured as the 16-bit PWM generator, it has full modulation capability (0-100%).
The counter can be frozen in debug mode.
Many features are shared with those of the standard TIM timers which have the same
architecture. The advanced control timer can therefore work together with the TIM timers via
the Timer Link feature for synchronization or event chaining.
2.16.2
General-purpose timers (TIM2, TIM3, TIM4, TIM15, TIM16 & TIM17)
There are six synchronizable general-purpose timers embedded in the STM32F100xx
devices (see Table 3 for differences). Each general-purpose timers can be used to generate
PWM outputs, or as simple time base.
TIM2, TIM3, TIM4
STM32F100xx devices feature three synchronizable 4-channels general-purpose timers.
These timers are based on a 16-bit auto-reload up/downcounter and a 16-bit prescaler.
They feature 4 independent channels each for input capture/output compare, PWM or one-
Table 3.
Timer feature comparison
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA request
generation
Capture/compare
channels
Complementary
outputs
TIM1
16-bit
Up,
down,
up/down
Any integer
between 1
and 65536
Yes
4
Yes
TIM2,
TIM3,
TIM4
16-bit
Up,
down,
up/down
Any integer
between 1
and 65536
Yes
4
No
TIM15
16-bit
Up
Any integer
between 1
and 65536
Yes
2
Yes
TIM16,
TIM17
16-bit
Up
Any integer
between 1
and 65536
Yes
1
Yes
TIM6,
TIM7
16-bit
Up
Any integer
between 1
and 65536
Yes
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com