Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F100C6H7B Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F100C6H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100C6H7B Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F100C6H7B Datasheet HTML 36Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 37Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 38Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 39Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 40Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 41Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 42Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 43Page - STMicroelectronics STM32F100C6H7B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
Electrical characteristics
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
40/84
Doc ID 16455 Rev 2
Figure 14.
Typical current consumption in Stop mode with regulator in Run mode versus
temperature at VDD = 3.3 V and 3.6 V
Table 15.
Typical and maximum current consumptions in Stop and Standby modes(1)
Symbol
Parameter
Conditions
Typ(2)
Max
Unit
VDD/VBAT
= 2.0 V
VDD/ VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
TA =
85 °C
TA =
105 °C
IDD
Supply current
in Stop mode
Regulator in Run mode,
Low-speed and high-speed
internal RC oscillators and high-
speed oscillator OFF (no
independent watchdog)
23.5
24
190
350
µA
Regulator in Low-Power mode,
Low-speed and high-speed
internal RC oscillators and high-
speed oscillator OFF (no
independent watchdog)
13.5
14
170
330
Supply current
in Standby
mode
Low-speed internal RC oscillator
and independent watchdog ON
2.6
3.4
-
-
Low-speed internal RC oscillator
ON, independent watchdog OFF
2.4
3.2
-
-
Low-speed internal RC oscillator
and independent watchdog OFF,
low-speed oscillator and RTC
OFF
1.7
2
4
5
IDD_VBAT
Backup
domain supply
current
Low-speed oscillator and RTC
ON
0.9
1.1
1.4
2.0
2.3
1.
TBD stands for to be determined.
2.
Typical values are measured at TA = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com