Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355IDE Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4355IDE
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355IDE Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4355IDE Datasheet HTML 5Page - Linear Technology LTC4355IDE Datasheet HTML 6Page - Linear Technology LTC4355IDE Datasheet HTML 7Page - Linear Technology LTC4355IDE Datasheet HTML 8Page - Linear Technology LTC4355IDE Datasheet HTML 9Page - Linear Technology LTC4355IDE Datasheet HTML 10Page - Linear Technology LTC4355IDE Datasheet HTML 11Page - Linear Technology LTC4355IDE Datasheet HTML 12Page - Linear Technology LTC4355IDE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4355
9
4355fe
APPLICATIONS INFORMATION
System Power Supply Failure
The LTC4355 automatically supplies load current from the
system input supply with the higher voltage. If this supply
shorts to ground, reverse current begins to flow through
the pass transistor temporarily and the transistor begins
to turn off. When this reverse current creates –25mV of
voltage drop across the drain and source pins of the pass
transistor, a fast pull-down circuit engages to drive the
gate low faster.
The remaining system power supply delivers the load cur-
rent through the body diode of its pass transistor until the
channel turns on. The LTC4355 ramps the gate up with
20μA, turning on the N-channel MOSFET to reduce the
voltage drop across it.
Input Short-Circuit Faults
The dynamic behavior of an active, ideal diode entering
reverse bias is most accurately characterized by a delay
followed by a period of reverse recovery. During the delay
phase some reverse current is built up, limited by para-
sitic resistances and inductances. During the reverse re-
covery phase, energy stored in the parasitic inductances
is transferred to other elements in the circuit. Current
slew rates during reverse recovery may reach 100A/μs
or higher.
High slew rates coupled with parasitic inductances in se-
ries with the input and output paths may cause potentially
destructive transients to appear at the IN and OUT pins of
the LTC4355 during reverse recovery. A zero impedance
short-circuit directly across an input that is supplying
current is especially troublesome because it permits the
highest possible reverse current to build up during the
delay phase. When the MOSFET finally commutates the
reverse current the LTC4355 IN pin experiences a nega-
tive voltage spike, while the OUT pin spikes in the positive
direction.
To prevent damage to the LTC4355 under conditions of
input short-circuit, protect the IN pins and OUT pin as
shown in Figure 1. The IN pins are protected by clamping
to the GND pin in the negative direction. Protect the OUT
pin with a clamp, such as with a TVS or TransZorb, or with
a local bypass capacitor of at least 10μF. In low voltage
applications the MOSFET’s drain-source breakdown may
be sufficient to protect the OUT pin, provided BVDSS +
VIN < 100V.
Parasitic inductance between the load bypass or the
second supply and the LTC4355 allows a zero impedance
input short to collapse the voltage at the OUT pin, which
increases the total turn-off time (tOFF). For applications
up to 30V, bypass the OUT pin with 39μF; above 30V use
at least 100μF. One capacitor serves to guard against OUT
collapse and also protect OUT from voltage spikes.
Figure 1. Reverse Recovery Produces Inductive Spikes at the IN and OUT Pins.
The Polarity of Step Recovery Spikes Is Shown Across Parasitic Inductances
LTC4355
GND
GATE1
GATE2
IN1
OUT
IN2
M1
FDS3672
REVERSE
RECOVERY
CURRENT
M2
FDS3672
VIN1
VOUT
VIN2
DIN2
SBR1U150SA
INPUT PARASITIC
INDUCTANCE
+
–
OUTPUT PARASITIC
INDUCTANCE
+
–
INPUT PARASITIC
INDUCTANCE
–
+
COUT
10μF
CLOAD
DCLAMP
SMAT70A
OR
REVERSE RECOVERY CURRENT
4355 F01
DIN1
SBR1U150SA
INPUT
SHORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com