Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355IDE Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4355IDE
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355IDE Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4355IDE Datasheet HTML 10Page - Linear Technology LTC4355IDE Datasheet HTML 11Page - Linear Technology LTC4355IDE Datasheet HTML 12Page - Linear Technology LTC4355IDE Datasheet HTML 13Page - Linear Technology LTC4355IDE Datasheet HTML 14Page - Linear Technology LTC4355IDE Datasheet HTML 15Page - Linear Technology LTC4355IDE Datasheet HTML 16Page - Linear Technology LTC4355IDE Datasheet HTML 17Page - Linear Technology LTC4355IDE Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4355
14
4355fe
TYPICAL APPLICATIONS
Single 12V/15A Ideal Diode with Parallel Drivers
Single 36V to 72V/30A Ideal Diode Using Parallel MOSFETs
LTC4355
GND
GATE1 GATE2
IN1
OUT
IN2
MON1
MON2
SET
R2
12.7k
R1
86.6k
F1
15A
R3
10k
R4
10k
R5
10k
D1
D2
D3
TO LOAD
GREEN LEDs
PANASONIC
LN1351C
M1
HAT2165H
VIN = 12V
GND
VDSFLT
FUSEFLT1
FUSEFLT2
PWRFLT1
PWRFLT2
4355 TA03
4355 TA04
LTC4355
GND
IN2
GATE2
GATE1
IN1
OUT
MON1
MON2
SET
R2
12.7k
R1
340k
F1
30A
R3
33k
R5
33k
R4
33k
D1
D3
D2
GREEN LEDs
PANASONIC
LN1351C
GND
M1
IRFS4710
M2
IRFS4710
TO
LOAD
VIN = +48V
VDSFLT
FUSEFLT1
PWRFLT1
FUSEFLT2
PWRFLT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com