Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355IDE Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4355IDE
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355IDE Datasheet(HTML) 3 Page - Linear Technology

  LTC4355IDE Datasheet HTML 1Page - Linear Technology LTC4355IDE Datasheet HTML 2Page - Linear Technology LTC4355IDE Datasheet HTML 3Page - Linear Technology LTC4355IDE Datasheet HTML 4Page - Linear Technology LTC4355IDE Datasheet HTML 5Page - Linear Technology LTC4355IDE Datasheet HTML 6Page - Linear Technology LTC4355IDE Datasheet HTML 7Page - Linear Technology LTC4355IDE Datasheet HTML 8Page - Linear Technology LTC4355IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4355
3
4355fe
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Operating Supply Range
l
980
V
IOUT
Supply Current
l
23
mA
IINx
INx Pin Input Current
GATE High
l
0.5
0.6
1.2
mA
ΔVGATEx
External N-Channel Gate Drive
(VGATEx – VINx)
VOUT = 20V to 80V
VOUT = 9V to 20V
l
l
10
4.5
14
6
18
18
V
V
IGATEx(UP)
External N-Channel Gate Pull-Up Current
VGATEx = VINx,
VINx – VOUT = 100mV
l
–14
–20
–26
μA
IGATEx(DN)
External N-Channel Gate Pull-Down in Fault
Condition
Gate Drive Off, VGATEx = VINx +5V
l
12
A
tOFF
Gate Turn-Off Time
VINx – VOUT = 55mV
–|
––1V, CGATE = 0
VGATEx – VINx < 1V
l
0.3
0.4
μs
VMONx(TH)
MONx Pin Threshold Voltage
VMONx Rising
l
1.209
1.227
1.245
V
VMONx(HYST)
MONx Pin Hysteresis Voltage
l
10
30
45
mV
IMONx(IN)
MONx Pin Input Current
VMONx = 1.23V
l
0±1
μA
VINx(TH)
INx Pin Threshold Voltage
VINx Rising
l
3
3.5
4
V
VINx(HYST)
INx Pin Hysteresis Voltage
l
25
75
150
mV
ΔVSD
Source-Drain Regulation Voltage
(VINx – VOUT )
VGATEx – VINx = 2.5V
l
10
25
55
mV
ΔVSD(FLT)
Short-Circuit Fault Voltage
(VINx – VOUT) Rising
SET = 0V
SET = 100kΩ
SET = Hi-Z
l
l
l
0.2
0.4
1.3
0.25
0.5
1.5
0.3
0.6
1.6
V
V
V
ΔVSD(FLT)(HYST) Short-Circuit Fault Hysteresis Voltage
30
mV
VFLT
PWRFLTx, FUSEFLTx, VDSFLT Pins
Output Low
IPWRFLTx, IFUSEFLTx, IVDSFLT = 5mA
l
100
200
mV
IFLT
PWRFLTx, FUSEFLTx, VDSFLT Pins
Leakage Current
VPWRFLTx, VFUSEFLTx, VVDSFLT = 5V
l
0±1
μA
RSET(L)
SET Resistance Range for
ΔVSD(FLT) = 0.25V
l
05
k
Ω
RSET(M)
SET Resistance Range for
ΔVSD(FLT) = 0.5V
l
50
150
k
Ω
RSET(H)
SET Resistance Range for
ΔVSD(FLT) = 1.5V
l
1
M
Ω
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 9V < VOUT < 80V, unless otherwise noted.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: The GATEx pins are internally limited to a minimum of 13V above
INx. Driving these pins beyond the clamp may damage the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com