Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355IDE Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4355IDE
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355IDE Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4355IDE Datasheet HTML 12Page - Linear Technology LTC4355IDE Datasheet HTML 13Page - Linear Technology LTC4355IDE Datasheet HTML 14Page - Linear Technology LTC4355IDE Datasheet HTML 15Page - Linear Technology LTC4355IDE Datasheet HTML 16Page - Linear Technology LTC4355IDE Datasheet HTML 17Page - Linear Technology LTC4355IDE Datasheet HTML 18Page - Linear Technology LTC4355IDE Datasheet HTML 19Page - Linear Technology LTC4355IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC4355
20
4355fe
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0210 REV E • PRINTED IN USA
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1640AH/LT1640AL
Negative High Voltage Hot Swap Controllers
in SO-8
Negative High Voltage Supplies From –10V to –80V
LT1641-1/LT1641-2
Positive High Voltage Hot Swap Controllers
Active Current Limiting, Supplies From 9V to 80V
LTC1921
Dual –48V Supply and Fuse Monitor
UV/OV Monitor, –10V to –80V Operation, MSOP Package
LT4250
–48V Hot Swap Controller
Active Current Limiting, Supplies From –20V to –80V
LTC4251/LTC4251-1/
LTC4251-2
–48V Hot Swap Controllers in SOT-23
Fast Active Current Limiting, Supplies From –15V
LTC4252-1/LTC4252-2/
LTC4252-A1/LTC4252-A2
–48V Hot Swap Controllers in MS8/MS10
Fast Active Current Limiting, Supplies From –15V, Drain Accelerated
Response
LTC4253
–48V Hot Swap Controller with Sequencer
Fast Active Current Limiting, Supplies From –15V, Drain Accelerated
Response, Sequenced Power Good Outputs
LT4256
Positive 48V Hot Swap Controller with
Open-Circuit Detect
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output,
Up to 80V Supply
LTC4260
Positive High Voltage Hot Swap Controller
With I2C and ADC, Supplies from 8.5V to 80V
LTC4261
Negative High Voltage Hot Swap Controller
With I2C and 10-Bit ADC, Adjustable Inrush and Overcurrent Limits
LTC4350
Hot Swappable Load Share Controller
Output Voltage: 1.2V to 20V, Equal Load Sharing
LTC4352
Ideal Diode Controller with Monitor
Controls N-Channel MOSFET, 0V to 18V Operation
LTC4354
Negative Voltage Diode-OR Controller
and Monitor
Controls Two N-Channel MOSFETs, 1μs Turn-Off, 80V Operation
LTC4357
Positive High Voltage Ideal Diode Controller
Controls Single N-Channel MOSFET, 0.5μs Turn-Off, 80V Operation
LTC4358
5A Ideal Diode
Integrated N-Channel MOSFET, 0.5μs Turn-Off, 9V to 26.5V
200W AdvancedTCA Ideal Diode-OR
4355 TA08
LTC4355
LTC4354
GND
GATE1
GATE2
IN1
OUT
IN2
1μF
10A
12k
2k
10A
7A
7A
FDS3672
FDS3672
FDS3672
FDS3672
RTNA
RTNB
VSS
VCC
GB
GA
DB
DA
VA = –48V
VB = –48V
2k
LOAD
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com