Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8323EEC Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
37
Timers
Figure 27 shows the PCI output AC timing conditions.
Figure 27. PCI Output AC Timing Measurement Condition
13 Timers
This section describes the DC and AC electrical specifications for the timers of the MPC8323E.
13.1
Timer DC Electrical Characteristics
Table 38 provides the DC electrical characteristics for the MPC8323E timer pins, including TIN, TOUT,
TGATE, and RTC_CLK.
13.2
Timer AC Timing Specifications
Table 39 provides the timer input and output AC timing specifications.
Table 38. Timer DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –6.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
±5
μA
Table 39. Timer Input AC Timing Specifications1
Characteristic
Symbol2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. Timer inputs and outputs are asynchronous to any visible clock. Timer outputs should be synchronized before use by any
external synchronous logic. Timer inputs are required to be valid for at least tTIWID ns to ensure proper operation.
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output
tPCKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com