Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8323EEC Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
70
Freescale Semiconductor
Clocking
22.6
QUICC Engine PLL Configuration
The QUICC Engine PLL is controlled by the RCWL[CEPMF] and RCWL[CEPDF] parameters. Table 61
shows the multiplication factor encodings for the QUICC Engine PLL.
The RCWL[CEVCOD] denotes the QUICC Engine PLL VCO internal frequency as shown in Table 62.
NOTE
The VCO divider (RCWL[CEVCOD]) must be set properly so that the
QUICC Engine VCO frequency is in the range of 300–600 MHz. The
QUICC Engine frequency is not restricted by the CSB and core frequencies.
The CSB, core, and QUICC Engine frequencies should be selected
according to the performance requirements.
The QUICC Engine VCO frequency is derived from the following
equations:
ce_clk = (primary clock input × CEPMF)
÷ (1 + CEPDF)
QUICC Engine VCO Frequency = ce_clk × VCO divider × (1 + CEPDF)
Table 61. QUICC Engine PLL Multiplication Factors
RCWL[CEPMF]
RCWL[CEPDF]
QUICC Engine PLL Multiplication
Factor = RCWL[CEPMF]/
(1 + RCWL[CEPDF)
00000–00001
0
Reserved
00010
0
× 2
00011
0
× 3
00100
0
× 4
00101
0
× 5
00110
0
× 6
00111
0
× 7
01000
0
× 8
01001–11111
0
Reserved
Table 62. QUICC Engine PLL VCO Divider
RCWL[CEVCOD]
VCO Divider
00
4
01
8
10
2
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com