Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8323EEC Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
14
Freescale Semiconductor
DDR1 and DDR2 SDRAM
Table 14 provides the recommended operating conditions for the DDR1 SDRAM component(s) of the
MPC8323E when Dn_GVDD(typ) = 2.5 V.
Table 15 provides the DDR1 capacitance Dn_GVDD(typ) = 2.5 V.
Table 14. DDR1 SDRAM DC Electrical Characteristics for D
n
_GVDD(typ) = 2.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
D
n
_GV
DD
2.375
2.625
V
1
I/O reference voltage
MVREF
nREF
0.49
× Dn_GVDD
0.51
× Dn_GVDD
V2
I/O termination voltage
VTT
MVREF
nREF – 0.04
MVREF
nREF + 0.04
V
3
Input high voltage
VIH
MVREF
nREF + 0.15
D
n
_GV
DD + 0.3
V
—
Input low voltage
VIL
–0.3
MVREF
nREF – 0.15
V
—
Output leakage current
IOZ
–9.9
–9.9
μA4
Output high current (VOUT = 1.95 V)
IOH
–16.2
—
mA
—
Output low current (VOUT = 0.35 V)
IOL
16.2
—
mA
—
Notes:
1. D
n
_GV
DD is expected to be within 50 mV of the DRAM Dn_GVDD at all times.
2. MVREF
nREF is expected to be equal to 0.5 × Dn_GVDD, and to track Dn_GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREF
nREF may not exceed ±2% of the DC value.
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to MVREF
nREF. This rail should track variations in the DC level of MVREFnREF.
4. Output leakage is measured with all outputs disabled, 0 V
≤ VOUT ≤ Dn_GVDD.
Table 15. DDR1 SDRAM Capacitance for D
n
_GVDD(typ) = 2.5 V Interface
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ,DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1. This parameter is sampled. D
n
_GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25° C, VOUT = Dn_GVDD ÷ 2,
VOUT (peak-to-peak) = 0.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com