Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8323EEC Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8323EEC
Description  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323EEC Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8323EEC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8323EEC Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
63
Package and Pin Listings
VDD
K10, K11, K12, K13, K14, K15,
K16, K17, L10, L17, M10, M17,
N10, N17, P10, P17, R10, R17,
T10, T17, U10, U11, U12, U13,
U14, U15, U16, U17
VDD
——
VSS
B23, E7, E11, E13, E17, E21,
F11, F13, F17, F21, F23, G5,
H22, K5, K6, L11, L12, L13,
L14, L15, L16, L21, M11, M12,
M13, M14, M15, M16, N6, N11,
N12, N13, N14, N15, N16, P5,
P11, P12, P13, P14, P15, P16,
P21, R11, R12, R13, R14, R15,
R16, R22, T6, T11, T12, T13,
T14, T15, T16, U5, U21, V23,
W5, W6, W21, W23, W24, Y22,
AA5, AA6, AA22, AA25, AB7,
AB13, AB19, AB22, AC10,
AC12, AC16, AC20
VSS
——
No Connect
NC
C22
—
—
—
Notes:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OVDD.
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OVDD.
3. This output is actively driven during reset rather than being three-stated during reset.
4. These JTAG and local bus pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull up if the chip is in PCI host mode. Follow the PCI specification’s recommendation.
6. This pin must always be tied to GND.
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com