Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705BEMLLR Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5705BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705BEMLLR Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5705BEMLLR Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
26
IRMSSLW
CC
D
Root
medium
square I/O
current for
SLOW
configurati
on
CL =
25 pF, 2
MHz
VDD =
5.0 V ±
10%,
PAD3V5V
= 0
——
2.3
mA
CL =
25 pF, 4
MHz
——
3.2
CL =
100 pF, 2
MHz
——
6.6
CL =
25 pF, 2
MHz
VDD =
3.3 V ±
10%,
PAD3V5V
= 1
——
1.6
CL =
25 pF, 4
MHz
——
2.3
CL =
100 pF, 2
MHz
——
4.7
IRMSMED
CC
D
Root
medium
square I/O
current for
MEDIUM
configurati
on
CL =
25 pF, 13
MHz
VDD =
5.0 V ±
10%,
PAD3V5V
= 0
——
6.6
mA
CL =
25 pF, 40
MHz
——
13.4
CL =
100 pF, 13
MHz
——
18.3
CL =
25 pF, 13
MHz
VDD =
3.3 V ±
10%,
PAD3V5V
= 1
——
5
CL =
25 pF, 40
MHz
——
8.5
CL =
100 pF, 13
MHz
——
11
Table 17. I/O consumption (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com