Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705BEMLLR Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5705BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705BEMLLR Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5705BEMLLR Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
16
NOTE
RAM data retention is guaranteed wi‘th VDD_LV not below 1.08 V.
VDD_ADC
5 SR Voltage on VSS_HV_ADC0, VSS_HV_ADC1 (ADC
reference) with respect to ground (VSS)
—4.5
5.5
V
Voltage drop2
3.0
5.5
Relative to VDD VDD-0.1 VDD+0.1
VIN
SR Voltage on any GPIO pin with respect to ground (VSS)—
VSS-0.1
-
V
Relative to VDD
-VDD+0.1
IINJPAD
SR Injected input current on any pin during overload
condition
—-5
5
mA
IINJSUM
SR Absolute sum of all injected input currents during
overload condition
—
-50
50
TVDD
SR VDD slope to ensure correct power up
6
—
—
0.25
V/µs
—3
—
V/s
TA C-Grade
Part
SR Ambient temperature under bias
fCPU < 64 MHz
−40
85
°C
TJ C-Grade
Part
SR Junction temperature under bias
—
−40
110
TA V-Grade
Part
SR Ambient temperature under bias
fCPU < 64 MHz
−40
105
TJ V-Grade
Part
SR Junction temperature under bias
—
−40
130
TA M-Grade
Part
SR Ambient temperature under bias
fCPU < 60 MHz
−40
125
TJ M-Grade
Part
SR Junction temperature under bias
—
−40
150
1 100 nF capacitance needs to be provided between each V
DD/VSS pair
2 Full device operation is guaranteed by design when the voltage drops below 4.5V down to 3.6V. However, certain
analog electrical characteristics will not be guaranteed to stay within the stated limits.
3 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair
4 470 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics). This decoupling need to be increased as recommended in
Section 3.5.1, “External ballast resistor recommendations incase external ballast resistor is planned to be used.
5 100 nF capacitance needs to be provided between V
DD_ADC/VSS_ADC pair
6 Guaranteed by device validation
Table 9. Recommended operating conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com