Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705BEMLLR Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5705BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705BEMLLR Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5705BEMLLR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
39
Table 25. Flash power supply DC electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 / 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
ICFREAD
3
3 Data based on characterization results, not tested in production
CC
Sum of the
current
consumptio
n on VDDHV
and VDDBV
on read
access
Flash
module
read
fCPU = 64
MHz4
4 f
CPU 64 MHz can be achieved only at up to 105 °C
Code Flash
33
mA
IDFREAD
3
Data Flash
33
ICFMOD
3
CC
Sum of the
current
consumptio
n on VDDHV
and VDDBV
on matrix
modificatio
n
(program/er
ase)
Program/
Erase
on-going
while
reading
Flash
registers
fCPU = 64
MHz4
Code Flash
52
mA
IDFMOD
3
Data Flash
33
ICFLPW
3
CC
Sum of the
current
consumptio
n on VDDHV
and VDDBV
during
Flash low
power
mode
Code Flash
1.1
mA
IDFLPW
3
Data Flash
900
µA
ICFPWD
3
CC
Sum of the
current
consumptio
n on VDDHV
and VDDBV
during
Flash
power
down mode
Code Flash
150
µA
IDFPWD
3
Data Flash
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com