Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5705BEMLLR Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5705BEMLLR
Description  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705BEMLLR Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5705BEMLLR Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5705BEMLLR Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
34
Table 20. Low voltage monitor electrical characteristics
Symbol
C
Parameter
Condition
s1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value2
Unit
Symbol
VPORUP
SR
P
Supply for
functional
POR
module
TA = 25 °C,
after
trimming
1.0
—
5.5
V
VPORUP
VPORH
CC
P
Power-on
reset
threshold
1.5
—
2.6
VPORH
VLVDHV3H
CC
T
LVDHV3
low voltage
detector
high
threshold
——
2.95
VLVDHV3H
VLVDHV3L
CC
P
LVDHV3
low voltage
detector
low
threshold
2.7
—
2.9
VLVDHV3L
VLVDHV3BH
CC
P
LVDHV3B
low voltage
detector
high
threshold
——
2.95
VLVDHV3BH
VLVDHV3BL
CC
P
LVDHV3B
L low
voltage
detector
low
threshold
2.7
—
2.9
VLVDHV3BL
VLVDHV5H
CC
T
LVDHV5
low voltage
detector
high
threshold
——
4.5
VLVDHV5H
VLVDHV5L
CC
P
LVDHV5
low voltage
detector
low
threshold
3.8
—
4.4
VLVDHV5L
VLVDLVCOR
L
CC
P
LVDLVCO
R low
voltage
detector
low
threshold
1.07
—
1.11
VLVDLVCOR
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com