Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFSL4.5MDB Datasheet(PDF) 8 Page - Yamar Electronics Ltd.

Part # SFSL4.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL4.5MDB Datasheet(HTML) 8 Page - Yamar Electronics Ltd.

Back Button SFSL4.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
8
DS-SIG61 R0.932
4
DEVICE OPERATION
The following paragraph describes the operation of the SIG61 device.
4.1
Protocol
The device operation is controlled via 5 types of commands:
Write command - Upon receiving a Write command with the SIG61 specific ID, the device shall output
the data byte content as indicated by the command to its Output pins.
Read command - Upon receiving a Read massage with the SIG61 specific ID, the device shall
respond by sending a message containing the status of its Input pins (followed by an appropriate
checksum).
Read-Change command - When receiving a Read-Change massage with the SIG61 specific ID, the
device shall respond to the command by indicating if a pulse upon detecting the first change on its input
pins. The response message shall contain the new status of the input pins followed by an appropriate
checksum.
Sleep command - Upon receiving a Sleep command, the device shall enter a low power-consumption
(sleep) mode. A wakeup message generated by the master, or by any of the slaves, wakes up all the
devices on the network. This is a global message targeting all the slaves in the network.
Change-Frequency command - Upon receiving Change-Frequency command, the device shall switch
from its current operational frequency to the other. This command is a global command targeting all the
slaves in the network.
4.1.1
Command structure
The structure of the five types of commands is detailed below.
Command type 1: Write command.
The Write command consists of 5 bytes: sync break, sync field, Identifier, data and checksum.
The identifier byte begins with the device four ID bits, followed by 00 bits and 2 protection bits.
Upon receiving a write command, if checksum and protection bits calculations are successful, the data
byte content is transferred to the corresponding output pins.
Sync break:
Sync break length is at least 13 bit times with compliance to Lin protocol.
Protection bits calculation:
P0 =
(Identifier [0]) XOR (Identifier [1]) XOR (Identifier [2]) XOR (Identifier [4])
P1 = ~ ((Identifier [1]) XOR (Identifier [3]) XOR (Identifier [4]) XOR (Identifier [5]))
Checksum calculation:
The checksum is an inverted 8 bit sum of the Identifier and Data byte including (own) carry:
Checksum = ~ ( Identifier Byte + Data Byte + Carry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com