Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3CTR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8S105C4B3CTR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3CTR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8S105C4B3CTR Datasheet HTML 56Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 57Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 58Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 59Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 60Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 61Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 62Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 63Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 127 page
background image
Unit
Max
Min
Ratings
Symbol
VDD + 0.3
VSS - 0.3
Input voltage on any other pin
(2)
mV
50
Variations between different power pins
|VDDx -
VDD|
50
Variations between all the different ground pins
|VSSx - VSS|
see Absolute maximum
ratings (electrical sensitivity)
Electrostatic discharge voltage
VESD
(1) All power (V
DD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be
connected to the external power supply
(2) I
INJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected.
If VIN maximum cannot be respected, the injection current must be limited externally to the
IINJ(PIN) value. A positive injection is induced by VIN>VDD while a negative injection is induced
by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected
Table 17: Current characteristics
Unit
Max.
(1)
Ratings
Symbol
mA
60
Total current into VDD power lines (source)
(2)
IVDD
60
Total current out of VSS ground lines (sink)
(2)
IVSS
20
Output current sunk by any I/O and control pin
IIO
20
Output current source by any I/Os and control pin
200
Total output current sourced (sum of all I/O and control
pins) for devices with two VDDIO pins
(3)
ΣIIO
100
Total output current sourced (sum of all I/O and control
pins) for devices with one VDDIO pin
(3)
160
Total output current sunk (sum of all I/O and control
pins) for devices with two VSSIO pins
(3)
80
Total output current sunk (sum of all I/O and control
pins) for devices with one VSSIO pin
(3)
DocID14771 Rev 9
60/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com