Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3CTR Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM8S105C4B3CTR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3CTR Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM8S105C4B3CTR Datasheet HTML 90Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 91Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 92Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 93Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 94Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 95Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 96Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 97Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 127 page
background image
Table 43: SPI characteristics
Unit
Max
Min
Conditions
Parameter
Symbol
MHz
8
0
Master mode
SPI clock
frequency
fSCK1
tc(SCK)
6
0
Slave mode
ns
25
Capacitive load: C = 30 pF
SPI clock rise
and fall time
tr(SCK)
tf(SCK)
ns
4 x
tMASTER
Slave mode
NSS setup time
tsu(NSS)
(1)
ns
70
Slave mode
NSS hold time
th(NSS)
(1)
ns
tSCK/2 +
15
tSCK/2 -
15
Master mode
SCK high and
low time
tw(SCKH)
(1)
tw(SCKL)
(1)
ns
5
Master mode
Data input
setup time
tsu(MI)
(1)
tsu(SI)
(1)
ns
5
Slave mode
Data input
setup time
ns
7
Master mode
Data input hold
time
th(MI)
(1)
th(SI)
(1)
ns
10
Slave mode
Data input hold
time
ns
3 x
tMASTER
Slave mode
Data output
access time
ta(SO)
(1) (2)
ns
25
Slave mode
Data output
disable time
tdis(SO)
(1) (3)
ns
73
Slave mode
(after enable edge)
Data output
valid time
tv(SO)
(1)
ns
36
Master mode
(after enable edge)
Data output
valid time
tv(MO)
(1)
DocID14771 Rev 9
94/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com