Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4B3CTR Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8S105C4B3CTR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3CTR Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8S105C4B3CTR Datasheet HTML 58Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 59Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 60Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 61Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 62Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 63Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 64Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 65Page - STMicroelectronics STM8S105C4B3CTR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
Table 19: General operating conditions
Unit
Max
Min
Conditions
Parameter
Symbol
MHz
16
0
Internal CPU clock
frequency
fCPU
V
5.5
2.95
Standard operating
voltage
VDD/ VDD_IO
nF
3300
470
at 1 MHz
CEXT: capacitance of
external capacitor
(1)
VCAP
Ohm
0.3
ESR of external
capacitor
(1)
nH
15
ESL of external
capacitor
(1)
mW
443
44 and 48-pin devices,
with output on eight
Power dissipation at
TA = 85 °C for suffix
PD
(2)
standard ports, two high
6or TA= 125° C for
suffix 3
sink ports and two open
drain ports
simultaneously
(3)
360
32-pin package, with
output on eight standard
ports and two high sink
ports simultaneously
(3)
°C
85
-40
Maximum power
dissipation
Ambient temperature
for 6 suffix version
TA
125
-40
Maximum power
dissipation
Ambient temperature
for 3 suffix version
105
-40
6 suffix version
Junction temperature
range
TJ
130
(4)
-40
3 suffix version
(1) Care should be taken when selecting the capacitor, due to its tolerance, as well as its
dependency on temperature, DC bias and frequency in addition to other factors.
DocID14771 Rev 9
62/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com