Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4360ISC8-1TRMPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4360ISC8-1TRMPBF
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4360ISC8-1TRMPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4360ISC8-1TRMPBF Datasheet HTML 1Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 2Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 3Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 4Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 5Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 6Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 7Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 8Page - Linear Technology LTC4360ISC8-1TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4360-1/LTC4360-2
1
436012f
TYPICAL APPLICATION
DESCRIPTION
Overvoltage Protection
Controller
The LTC®4360 overvoltage protection controller safeguards
2.5V to 5.5V systems from power supply overvoltage. It is
designed for portable devices with multiple power supply
options including wall adaptors, car battery adaptors and
USB ports.
The LTC4360 controls an external N-channel MOSFET in
series with the input power supply. During overvoltage
transients, the LTC4360 turns off the MOSFET within 1μs,
isolating downstream components from the input supply.
Inductive cable transients are absorbed by the MOSFET
and load capacitance. In most applications, the LTC4360
provides protection from transients up to 80V without
requiring transient voltage suppressors or other external
components.
The LTC4360 has a delayed start-up and an adjustable dV/dt
ramp-up for inrush current limiting. A PWRGD pin provides
power good monitoring for VIN. Following an overvolt-
age condition, the LTC4360 automatically restarts with a
start-up delay. The LTC4360-1 features a soft shutdown
controlled by the ON pin, while the LTC4360-2 controls an
optional external P-channel MOSFET for negative voltage
protection.
Output Protected from Overvoltage at Input
FEATURES
APPLICATIONS
n 2.5V to 5.5V Operation
n Overvoltage Protection Up to 80V
n No Input Capacitor or TVS Required for Most
Applications
n 2% Accurate 5.8V Overvoltage Threshold
n Controls N-Channel MOSFET
n <1μs Overvoltage Turn-Off, Gentle Shutdown
n Adjustable Power-Up dV/dt Limits Inrush
n Reverse Voltage Protection (LTC4360-2)
n Power Good Output
n Low Current Shutdown (LTC4360-1)
n Available in a Tiny 8-Lead SC70 Package
n USB Protection
n Handheld Computers
n Cell/Smart Phones
n MP3/MP4 Players
n Digital Cameras
GATE
Si1470DH
IN
436012 TA01a
VOUT
5V
1.5A
VIN
5V
LTC4360-1
ON
OUT
PWRGD
GND
COUT
Protection from Overvoltage
VGATE
10V/DIV
VIN, VOUT
5V/DIV
0.5μs/DIV
436012 TA01b
Si1470DH
COUT = 10μF
VOUT
VIN
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT, PowerPath, How Swap and No RSENSE are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC4360ISC8-1TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1 Datasheet
1Mb / 14P
Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2 Datasheet
1Mb / 14P
Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
Overvoltage Protection Controller
More results

Similar Description - LTC4360ISC8-1TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
Overvoltage Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
Overvoltage/Overcurrent Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
Overvoltage Protection Controller
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com